Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DFMN6P/K Datasheet(PDF) 25 Page - STMicroelectronics

Part # M95M02-DFMN6P/K
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DFMN6P/K Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M95M02-DFMN6P/K Datasheet HTML 21Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 22Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 23Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 24Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 25Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 26Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 27Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 28Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
6.10
Lock ID
The lock ID instruction permanently locks the identification page in read-only mode. Before this instruction can be
accepted, a write enable (WREN) instruction must have been executed.
The lock ID instruction is issued by driving chip select (S) low, sending the instruction code, the address and a
data byte on serial data input (D), and driving chip select (S) high. In the address sent, A10 must be equal to 1,
all other address bits are "Don't Care". The data byte sent must be equal to the binary value xxxx xx1x, where x =
Don't Care.
Chip select (S) must be driven high after the rising edge of serial clock (C) that latches in the eighth bit of the data
byte, and before the next rising edge of serial clock (C). Otherwise, the lock ID instruction is not executed.
Driving chip select (S) high at a byte boundary of the input data triggers the self-timed write cycle whose duration
is tW (as specified in AC characteristics in Section 9 DC and AC parameters). The instruction sequence is shown
in Figure 19.
The instruction is discarded, and is not executed, under the following conditions:
•
If a write cycle is already in progress
•
If block protect bits (BP1, BP0) = (1, 1)
•
If a rising edge on chip select (S) happens outside of a byte boundary
Figure 19. Lock ID sequence
C
D
S
Q
23
2
1
3 4 5 6 7 8 9 10
28 29 30 31 32 33 34 35
22 21
3 2 1 0
36 37 38
High impedance
Instruction
24-bit address
0
7 6 5 4 3 2
0
1
Data byte
39
M95M02-DR M95M02-DF
Lock ID
DS7024 - Rev 13
page 25/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com