Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DFMN6P/K Datasheet(PDF) 23 Page - STMicroelectronics

Part # M95M02-DFMN6P/K
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DFMN6P/K Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M95M02-DFMN6P/K Datasheet HTML 19Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 20Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 21Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 22Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 23Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 24Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 25Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 26Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
6.8
Write identification page
The identification page (256 bytes) is an additional page that can be written and (later) permanently locked in
read-only mode.
Writing this page is achieved with the write identification page instruction (see Table 4. Instruction set). The chip
select signal (S) is first driven low. The bits of the instruction byte, address bytes, and at least one data byte are
then shifted in on serial data input (D). Address bit A10 must be 0, the upper address bits are "don't care", and
the lower address bits [A7:A0] define the byte address within the identification page. The instruction sequence is
shown in Figure 17.
Figure 17. Write identification page sequence
MS30909V1
C
D
S
Q
23
2
1
3
4
5
6
7
8
9 10
28 29 30 31 32 33 34 35
22 21
3
2
1
0
36 37 38
High impedance
Instruction
24-bit address
0
7
6
5
4
3
2
0
1
Data byte
39
M95M02-DR M95M02-DF
Write identification page
DS7024 - Rev 13
page 23/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com