Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0050IB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HIP0050IB
Description  0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0050IB Datasheet(HTML) 3 Page - Renesas Technology Corp

  HIP0050IB Datasheet HTML 1Page - Renesas Technology Corp HIP0050IB Datasheet HTML 2Page - Renesas Technology Corp HIP0050IB Datasheet HTML 3Page - Renesas Technology Corp HIP0050IB Datasheet HTML 4Page - Renesas Technology Corp HIP0050IB Datasheet HTML 5Page - Renesas Technology Corp HIP0050IB Datasheet HTML 6Page - Renesas Technology Corp HIP0050IB Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HIP0050
FN4034 Rev 0.00
Page 3 of 7
December 1996
Absolute Maximum Ratings
Thermal Information
Output Voltage, VOUT (Note 1) . . . . . . . . . . . . . . . . . . . -0.3V to VOC
Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to VCC +0.3V
Logic Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7V
Max Output Load Current, ILOAD (Per Output, Note 2) . . . . . . . . .ICL
Max. Output Load Current, ILOAD (All Outputs ON, Note 2) . . . . . 2A
Operating Ambient Temperature Range, TA . . . . . . . .-40oC to 85oC
Operating Junction Temperature Range . . . . . . . . . . -40oC to 150oC
Storage Temperature Range, TSTG . . . . . . . . . . . . . .-55oC to 150oC
Maximum Lead Temperature (Soldering 10s Max) . . . . . . . . . 300oC
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Typical Logic Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . +5V
ICC Supply Current, with 200mA each Output. . . . . . . . . . . . .2mA
ICC Supply Current, with No Load . . . . . . . . . . . . . . . . . . . . . . 2mA
Input Low Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0V
Input High Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5V
Power Output Driver Voltage Range . . . . . . . . . . . . . . . . 0 to VOC
Power Output Driver Current Load, IDR . . . . . . . . . . . . . . . .0 to ICL
Typical Output rDSON Channel Resistance . . . . . . . . . . . . . . . . 2
Typical Output Rise Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
s
Typical Output Fall Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
s
Electrical Specifications VCC = 4.5V to 5.5V, VBATT = 8V to 16V, TA = -40oC to 85oC; Unless Otherwise Specified
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUTS DRIVERS (DR0 TO DR7)
Output Channel Resistance
rDSON
Output Current = 200mA, TA =85oC-
2
4.0
Output Over-Current Shutdown
Threshold
ICL
300
-
500
mA
Output Clamping Voltage
VOC
Outputs OFF
42
50
58
V
Output Clamping Energy
EOC
1ms Single Pulse Width, TA = 25oC,
(Refer to Figure 2 for SOA).
-25
-
mJ
Output OFF Leakage Current
IOFF
Output Voltage = 40V, TA =85oC-
-
10
A
Output Rise Time
tRISE
Load = 75
, 0.01F (Parallel)
0.5
4
30
s
Output Fall Time
tFALL
Load = 75
, 0.01F (Parallel)
0.5
10
30
s
Output Delay from Strobe, High
to Low Output Transition
tDHL
14
10
s
Output Delay from Strobe, Low to
High Output Transition
tDLH
0.2
2.6
10
s
LOGIC SUPPLY
Logic Supply Current, Loaded
ICC
All Outputs ON, 0.2A Load Per Output
-
2
4
mA
Logic Supply Current, No Load
ICC
All Outputs OFF
-
2
4
mA
Logic Supply Under-Voltage
Reset Threshold
All Outputs OFF
3.5
-
4
V
LOGIC INPUTS (EN, SI, SCK, STR)
Threshold Voltage at Falling
Edge
VT-VCC = 5V 10%
0.2VCC
0.3VCC
-V
Threshold Voltage at Rising
Edge
VT+VCC = 5V 10%
-
0.6VCC
0.7VCC
V
Hysteresis Voltage
VH
VT+ - VT-
0.85
1.4
2.25
V
Leakage Current
ILIN
-10
-
10
A
SERIAL DATA CLOCK (SCK) (Refer to Figure 1 for Waveform Detail)
Frequency
fSCK
--
1.6
MHz
Package
JC (oC/W)†
JA (oC/W)††
02
PDIP . . . . . . . . . . . . .
10
50
35
SOIC . . . . . . . . . . . . .
10
60
40
† Versus Additional Square Inches 1oz. copper on PCB.
†† Standard Test Board, 0.002 diameter T/C located at lead
shoulder, middle lead.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com