Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0050IB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP0050IB
Description  0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0050IB Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP0050IB Datasheet HTML 1Page - Renesas Technology Corp HIP0050IB Datasheet HTML 2Page - Renesas Technology Corp HIP0050IB Datasheet HTML 3Page - Renesas Technology Corp HIP0050IB Datasheet HTML 4Page - Renesas Technology Corp HIP0050IB Datasheet HTML 5Page - Renesas Technology Corp HIP0050IB Datasheet HTML 6Page - Renesas Technology Corp HIP0050IB Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HIP0050
FN4034 Rev 0.00
Page 5 of 7
December 1996
Pin Descriptions
VCC Power Pin
The VCC pin is the positive 5V logic voltage supply input for the
IC. The normal operating voltage range is 4.5V to 5.5V. When
switched on, the POR forces all outputs off.
SCK Serial Clock Pin
SCK is the clock input for the SPI Interface. Output ON/OFF
control data is clocked into an eight stage shift register on the
rising edge of an external clock. This input has a Schmitt trig-
ger.
SI Serial Data In Pin
SI is the Serial Data Input Pin for the SPI Interface. The eight
power outputs are controlled by the serial data via the output
data buffer. This input has a Schmitt Trigger.
STR Strobe Pin for the SPI Interface
When the STR Pin is high, data from the 8-bit shift register is
passed into the output data buffers where it controls the ON-
OFF state of each output driver. The data is latched in the out-
put data buffers when STR goes low. This input has a Schmitt
trigger.
SO Serial Data Out Pin
The serial data out allows other ICs to be serially cascaded.
For example, a 10-bit LED driver may be located behind the
HIP0050. A controlling microprocessor may then clock out 18-
bits of information and simultaneously strobe both parts. The
cascaded ICs may be the same or different from the HIP0050.
DR0 - DR7 Outputs 0 Thru 7
The drain output pins of the DMOS Power Drivers are capable
of sinking 300mA. Each output has short circuit protection to inde-
pendently shutdown the output under excessive high load current
conditions.
FLT Fault Flag
The fault flag pin indicates an over-current in any one of the
output drivers. (It is not an indicator for the thermal shutdown
mode.) The FLT output is active low and can sink 1.6mA when
activated. When latched low, it will remain latched until the next
data strobe.
EN Enable Pin
The enable pin is an active low enable function for all eight out-
put drivers. When EN is high, drive from the output data buffer
is held low and all output drivers are disabled. When EN is low,
the output drivers are enabled and data in the 8-bit shift register
is transparent to the output data buffer. This input has a Schmitt
trigger.
LGND and GND Pins
The LGND Pin is the 5V Logic Supply Ground for the IC and
GND is a common ground for the power output drivers.
FIGURE 2. MAXIMUM SINGLE PULSE ENERGY SAFE OPERATING AREA FOR EACH CLAMPED OUTPUT DRIVER, TA = 25oC
0.1
1
10
100
1
10
100
TIME (ms)
SAFE OPERATING AREA
BELOW LINE
1000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com