Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0050IB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP0050IB
Description  0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0050IB Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP0050IB Datasheet HTML 1Page - Renesas Technology Corp HIP0050IB Datasheet HTML 2Page - Renesas Technology Corp HIP0050IB Datasheet HTML 3Page - Renesas Technology Corp HIP0050IB Datasheet HTML 4Page - Renesas Technology Corp HIP0050IB Datasheet HTML 5Page - Renesas Technology Corp HIP0050IB Datasheet HTML 6Page - Renesas Technology Corp HIP0050IB Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HIP0050
FN4034 Rev 0.00
Page 2 of 7
December 1996
Block Diagram
Output Control Logic Table
STROBE
8-BIT SERIAL DATA (LATCHED)
OUTPUT
D1
D2
D3
D4
D5
D6
D7
D8
DR1
DR2
DR3
DR4
DR5
DR6
DR7
DR8
0
0
0
0
0
0
0
0
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
10
00
00
00
ON
OFF
OFF
OFF
OFF
OFF
OFF
OFF
1
1
0
0
0
0
0
0
ON
ON
OFF
OFF
OFF
OFF
OFF
OFF
1
1
1
0
0
0
0
0
ON
ON
ON
OFF
OFF
OFF
OFF
OFF
1
1
1
1
0
0
0
0
ON
ON
ON
ON
OFF
OFF
OFF
OFF
0
0
0
0
1
1
1
1
OFF
OFF
OFF
OFF
ON
ON
ON
ON
1
1
1
1
1
1
1
1
ON
ON
ON
ON
ON
ON
ON
ON
SCK
OUTPUT
OC
SHUT-
OVER-TEMPERATURE
SHUTDOWN W/HYS
OUTPUT DRIVER
(CHANNEL 1 OF 8)
DR#0
LATCH
POR
EN
FAULT
LATCH
FLT
(STROBE)
SI
SO
DOWN
SERIAL
(SPI)
PARALLEL
(DATA IS
REGISTER
INPUT
STR
(ENABLE)
Q1
Q2
Q3
Q4
Q5
Q6
Q7
STROBED)
WHEN
LATCHED
OUTPUT
S
R
Q0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com