Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0050IB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP0050IB
Description  0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0050IB Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP0050IB Datasheet HTML 1Page - Renesas Technology Corp HIP0050IB Datasheet HTML 2Page - Renesas Technology Corp HIP0050IB Datasheet HTML 3Page - Renesas Technology Corp HIP0050IB Datasheet HTML 4Page - Renesas Technology Corp HIP0050IB Datasheet HTML 5Page - Renesas Technology Corp HIP0050IB Datasheet HTML 6Page - Renesas Technology Corp HIP0050IB Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HIP0050
FN4034 Rev 0.00
Page 4 of 7
December 1996
FIGURE 1. LOGIC TIMING CONTROL WAVEFORMS
Pulse Width High
tW(SCKH)
-
27
175
ns
Pulse Width Low
tW(SCKL)
-
27
175
ns
SERIAL DATA IN (SI) (Refer to Figure 1 for Waveform Detail)
Input Setup Time
tSUI
-
1.1
75
ns
Input Hold Time
THI
-
1.5
75
ns
STROBE (STR)
Strobe Pulse Width
tW(S)
-
12
150
ns
Clock to Strobe Delay
tD(CS)
-
5
75
ns
SERIAL DATA OUT (SO) (Refer to Figure 1 for Waveform Detail)
Low Level Output Voltage
VOL
Sink Current = 1.6mA
-
0.2
0.4
V
High Level Output Voltage
VOH
Source Current = -1.6mA
3.7
4.4
-
V
Propagation Delay
tP(CD)
75
260
500
ns
PROTECTION PARAMETERS
Fault Output (FLT) Low
VOL
Sink Current = 1.6mA
-
-
0.4
V
Over-Temp. (OT) Shutdown
TSD
145
155
165
oC
OT Shutdown Hysteresis
TH
510
20
oC
NOTES:
1. The MOSFET Output Drain is internally clamped with a Drain-to-Gate Zener Diode that turns on the MOSFET; holding the drain at the
output clamp voltage VOC.
2. The HIP0050 Output Drive is protected by an internal current shutdown. The ICL over-current shutdown threshold parameter specification
defines the maximum current. The minimum limit for this threshold is 300mA. The maximum current with all outputs ON may be further
limited by dissipation.
3. Package dissipation is based on thermal resistance capability in a normal operating environment. The junction to ambient thermal resis-
tance values are defined here as a PC Board mounted device with minimal copper. Due to the heat conducting capability of the DIP and
SOIC package lead frames, 35oC/W thermal resistance can be achieved with approximately 2 square inches of 1 oz. copper PC Board
area. The junction to lead thermal resistance values are based on measurements from the chip to the ground leads of the package.
Electrical Specifications VCC = 4.5V to 5.5V, VBATT = 8V to 16V, TA = -40oC to 85oC; Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCK (CLOCK)
SI (SERIAL DATA IN)
STR (STROBE)
DRx (POWER OUTPUT DRIVER)
SO (SERIAL DATA OUT)
tW(SCK)
tW(SCK)
tSUI
tHI
tD(CS)
tW(S)
tD(LH)
tD(HL)
t P(CD)
tFALL, tRISE
10%
90%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com