Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S024 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS853S024
Description  Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S024 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS853S024 Datasheet HTML 1Page - Renesas Technology Corp ICS853S024 Datasheet HTML 2Page - Renesas Technology Corp ICS853S024 Datasheet HTML 3Page - Renesas Technology Corp ICS853S024 Datasheet HTML 4Page - Renesas Technology Corp ICS853S024 Datasheet HTML 5Page - Renesas Technology Corp ICS853S024 Datasheet HTML 6Page - Renesas Technology Corp ICS853S024 Datasheet HTML 7Page - Renesas Technology Corp ICS853S024 Datasheet HTML 8Page - Renesas Technology Corp ICS853S024 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ICS853S024AY REVISION A JULY 20, 2011
3
©2011 Integrated Device Technology, Inc.
ICS853S024 Data Sheet
LOW SKEW, 1-TO-24, DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 3A. Power Supply DC Characteristics, VCC = 3.3V ± 5% or 2.5V ± 5%, VEE = 0V, TA = 0°C to 70°C
Table 3B. LVPECL Differential DC Characteristics, VCC = 3.3V ± 5% or 2.5V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: Common mode input voltage is defined as VIH.
Table 3C. LVPECL DC Characteristics, VCC = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: All outputs are terminated with 50
Ω to V
CC – 2V.
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC + 0.5V
Outputs, IO
Continuous Current
Surge Current
50mA
100mA
Package Thermal Impedance,
θ
JA
32.5
°C/W (0 mps)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Power Supply Voltage
3.135
3.3
3.465
V
IEE
Power Supply Current
240
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
PCLK,
nPCLK
VCC = VIN = 3.465V or 2.625V
150
µA
IIL
Input Low Current
PCLK
VCC = 3.465V or 2.625V,
VIN = 0V
-10
µA
nPCLK
VCC = 3.465V or 2.625V,
VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage
0.15
1.3
V
VCMR
Common Mode Input Voltage;
NOTE 1
1.2
VCC
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VCC – 1.4
VCC – 0.9
V
VOL
Output Low Voltage; NOTE 1
VCC – 2.0
VCC – 1.7
V
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com