Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S024 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS853S024
Description  Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S024 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS853S024 Datasheet HTML 1Page - Renesas Technology Corp ICS853S024 Datasheet HTML 2Page - Renesas Technology Corp ICS853S024 Datasheet HTML 3Page - Renesas Technology Corp ICS853S024 Datasheet HTML 4Page - Renesas Technology Corp ICS853S024 Datasheet HTML 5Page - Renesas Technology Corp ICS853S024 Datasheet HTML 6Page - Renesas Technology Corp ICS853S024 Datasheet HTML 7Page - Renesas Technology Corp ICS853S024 Datasheet HTML 8Page - Renesas Technology Corp ICS853S024 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ICS853S024AY REVISION A JULY 20, 2011
4
©2011 Integrated Device Technology, Inc.
ICS853S024 Data Sheet
LOW SKEW, 1-TO-24, DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
Table 3D. LVPECL DC Characteristics, VCC = 2.5V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: All outputs are terminated with 50
Ω to V
CC – 2V.
AC Electrical Characteristics
Table 4. AC Characteristics, VCC = 3.3V ± 5% or 2.5V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE: All parameters are measured at fOUT ≤ 1GHz, unless otherwise noted.
NOTE: Special thermal considerations may be required. See Applications Section.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the output differential
cross points.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 4: Defined as skew between outputs on different devices operating at the same supply voltage, same temperature, same frequency and
with equal load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross points.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VCC – 1.4
VCC – 0.9
V
VOL
Output Low Voltage; NOTE 1
VCC – 2.0
VCC – 1.6
V
VSWING
Peak-to-Peak Output Voltage Swing
0.4
1.0
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
2GHz
tPD
Propagation Delay; NOTE 1
400
800
ps
tjit
Additive Phase Jitter, RMS;
Refer to Additive Phase Jitter
Section
156.25MHz,
Integration Range: 12kHz – 20MHz
0.15
ps
312.5MHz,
Integration Range: 12kHz – 20MHz
0.11
ps
tsk(o)
Output Skew; NOTE 2, 3
75
125
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
200
ps
tR / tF
Output Rise/Fall Time
20% to 80%
50
180
300
ps
odc
Output Duty Cycle
47
53
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com