Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S024 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS853S024
Description  Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S024 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS853S024 Datasheet HTML 1Page - Renesas Technology Corp ICS853S024 Datasheet HTML 2Page - Renesas Technology Corp ICS853S024 Datasheet HTML 3Page - Renesas Technology Corp ICS853S024 Datasheet HTML 4Page - Renesas Technology Corp ICS853S024 Datasheet HTML 5Page - Renesas Technology Corp ICS853S024 Datasheet HTML 6Page - Renesas Technology Corp ICS853S024 Datasheet HTML 7Page - Renesas Technology Corp ICS853S024 Datasheet HTML 8Page - Renesas Technology Corp ICS853S024 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ICS853S024AY REVISION A JULY 20, 2011
2
©2011 Integrated Device Technology, Inc.
ICS853S024 Data Sheet
LOW SKEW, 1-TO-24, DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 16, 18, 31,
33, 34, 50, 63, 64
VCC
Power
Power supply pins.
2, 15, 17, 32, 49
VEE
Power
Negative supply pins.
3, 4
Q0, nQ0
Output
Differential clock outputs. LVPECL interface levels.
5, 6
Q1, nQ1
Output
Differential clock outputs. LVPECL interface levels.
7, 8
Q2, nQ2
Output
Differential clock outputs. LVPECL interface levels.
9, 10
Q3, nQ3
Output
Differential clock outputs. LVPECL interface levels.
11, 12
Q4, nQ4
Output
Differential clock outputs. LVPECL interface levels.
13, 14
Q5, nQ5
Output
Differential clock outputs. LVPECL interface levels.
19, 20
Q6, nQ6
Output
Differential clock outputs. LVPECL interface levels.
21, 22
Q7, nQ7
Output
Differential clock outputs. LVPECL interface levels.
23, 24
Q8, nQ8
Output
Differential clock outputs. LVPECL interface levels.
25, 26
Q9, nQ9
Output
Differential clock outputs. LVPECL interface levels.
27, 28
Q10, nQ10
Output
Differential clock outputs. LVPECL interface levels.
29, 30
Q11, nQ11
Output
Differential clock outputs. LVPECL interface levels.
35, 36
Q12, nQ12
Output
Differential clock outputs. LVPECL interface levels.
37, 38
Q13, nQ13
Output
Differential clock outputs. LVPECL interface levels.
39, 40
Q14, nQ14
Output
Differential clock outputs. LVPECL interface levels.
41, 42
Q15, nQ15
Output
Differential clock outputs. LVPECL interface levels.
43, 44
Q16, nQ16
Output
Differential clock outputs. LVPECL interface levels.
45, 46
Q17, nQ17
Output
Differential clock outputs. LVPECL interface levels.
47
PCLK
Input
Pulldown
Non-inverting differential LVPECL clock input.
48
nPCLK
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VCC/2 default when left
floating.
51, 52
Q18, nQ18
Output
Differential clock outputs. LVPECL interface levels.
53, 54
Q19, nQ19
Output
Differential clock outputs. LVPECL interface levels.
55, 56
Q20, nQ20
Output
Differential clock outputs. LVPECL interface levels.
57, 58
Q21, nQ21
Output
Differential clock outputs. LVPECL interface levels.
59, 60
Q22, nQ22
Output
Differential clock outputs. LVPECL interface levels.
61, 62
Q23, nQ23
Output
Differential clock outputs. LVPECL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2pF
RPULLUP
Input Pullup Resistor
51
k
Ω
RPULLDOWN
Input Pulldown Resistor
51
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com