Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S024 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS853S024
Description  Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S024 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS853S024 Datasheet HTML 1Page - Renesas Technology Corp ICS853S024 Datasheet HTML 2Page - Renesas Technology Corp ICS853S024 Datasheet HTML 3Page - Renesas Technology Corp ICS853S024 Datasheet HTML 4Page - Renesas Technology Corp ICS853S024 Datasheet HTML 5Page - Renesas Technology Corp ICS853S024 Datasheet HTML 6Page - Renesas Technology Corp ICS853S024 Datasheet HTML 7Page - Renesas Technology Corp ICS853S024 Datasheet HTML 8Page - Renesas Technology Corp ICS853S024 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DATA SHEET
ICS853S024AY REVISION A JULY 20, 2011
1
©2011 Integrated Device Technology, Inc.
Low Skew, 1-to-24, Differential-to-3.3V, 2.5V
LVPECL Fanout Buffer
ICS853S024
General Description
The ICS853S024 is a low skew, 1-to-24 Differential-to-3.3V, 2.5V
LVPECL Fanout Buffer. The PCLK, nPCLK pair can accept most
standard differential input levels. The ICS853S024 is characterized
to operate from either a 3.3V or a 2.5V power supply. Guaranteed
output skew characteristics make the ICS853S024 ideal for those
clock distribution applications demanding well defined performance
and repeatability.
Features
• Twenty four LVPECL outputs.
• One differential clock input pair
• Differential input clock (PCLK, nPCLK) can accept the following
signaling levels: LVDS, LVPECL, CML
• Maximum output frequency: 2GHz
• Translates any single ended input signal to 3.3V, 2.5V LVPECL
levels with resistor bias on nPCLK input
• Output skew: 125ps (maximum)
• Rise and Fall Time: 180ps (typical)
• Additive phase jitter, RMS: 0.15ps (typical) @ 156.25MHz
• Full 3.3V or 2.5V supply voltage
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
Q[0:23]
nQ[0:23]
PCLK
nPCLK
Pulldown
Pullup/Pulldown
24
24
Block Diagram
Pin Assignment
VCC
VEE
Q0
Q1
nQ1
Q2
nQ2
nQ0
VCC
nQ3
Q3
Q4
nQ4
Q5
nQ5
VEE
nQ17
Q17
nQ16
PCLK
Q16
nPCLK
nQ15
Q15
VCC
nQ14
Q14
nQ13
Q13
nQ12
Q12
VCC
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
ICS853S024
64-Lead TQFP, EPad
10mm x 10mm x 1mm
package body
Y Package
Top View


Similar Part No. - ICS853S024

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S024 IDT-ICS853S024 Datasheet
748Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
More results

Similar Description - ICS853S024

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. E SEPTEMBER 23, 2005
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. C MAY 24, 2005
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
REV. A NOVEMBER 28, 2005
logo
Integrated Device Techn...
ICS853S024 IDT-ICS853S024 Datasheet
748Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
853S004I IDT-853S004I Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
ICS853S004I IDT-ICS853S004I Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
ICS853S004I RENESAS-ICS853S004I Datasheet
474Kb / 21P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
May 27, 2017
ICS853S12I RENESAS-ICS853S12I Datasheet
475Kb / 18P
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
MAY 21, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com