Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 45Page - Renesas Technology Corp M66596 Datasheet HTML 46Page - Renesas Technology Corp M66596 Datasheet HTML 47Page - Renesas Technology Corp M66596 Datasheet HTML 48Page - Renesas Technology Corp M66596 Datasheet HTML 49Page - Renesas Technology Corp M66596 Datasheet HTML 50Page - Renesas Technology Corp M66596 Datasheet HTML 51Page - Renesas Technology Corp M66596 Datasheet HTML 52Page - Renesas Technology Corp M66596 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 47 of 127
Pipe timing control register [PIPEPERI]
<Address: 6CH>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
IFIS
IITV
?
?
?
?
?
?
?
?
?
?
?
?
0
0
-
0
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
0
0
-
0
Bit
Name
Function
S/W
H/W
Note
15-13 Nothing is placed here. These should be fixed at “0”.
12
IFIS
Isochronous IN buffer flush
0: The buffer is not flushed.
1: The buffer is flushed.
R/W
R
3.9.5
11-3 Nothing is placed here. These should be fixed at “0”.
2-0 IITV
Interval error detection spacing
Specifies the interval timing as
IITV-th power
of
2.
R/W
R
3.9.3
*11)
<<Note>>
*11) In the peripheral mode the IITV bit is valid only when isochronous transfer is selected. It can be set only when
PIPE1-2 are selected.
For OUT-direction: An interval error occurs upon a NRDY interrupt caused by a token not having been issued.
For IN-direction: When the controller doesn't receive IN-token until the time indicated by IITV bit, it detects an
interval error and flushs the buffer.
In the host mode the IITV bit is valid only when isochronous and interrupt transfer is selected. The IITV bit
controls the interval of a transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com