Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 82Page - Renesas Technology Corp M66596 Datasheet HTML 83Page - Renesas Technology Corp M66596 Datasheet HTML 84Page - Renesas Technology Corp M66596 Datasheet HTML 85Page - Renesas Technology Corp M66596 Datasheet HTML 86Page - Renesas Technology Corp M66596 Datasheet HTML 87Page - Renesas Technology Corp M66596 Datasheet HTML 88Page - Renesas Technology Corp M66596 Datasheet HTML 89Page - Renesas Technology Corp M66596 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 84 of 127
3.4.3.6 BRDY interrupt timing selection function
By setting the BFRE bit of the PIPECFG register, it is possible to keep the BRDY interrupt from being
generated when a data packet consisting of the maximum packet size is received.
When using DMA transfers, this function can be used to generate an interrupt only when the last data item
has been received. The “last data item” refers to the reception of a short packet, or the ending of the transaction
counter. When a short packet has been received, the BRDY interrupt is generated after the received data has
been read. When the BRDY interrupt is generated, the length of the data received in the last data packet to have
been received can be confirmed.
Table 3.21 shows the timing at which the BRDY interrupts are generated by the controller.
Table 3.21Timing at which BRDY interrupts are generated
Register setting
Buffer state when packet is received
BFRE = “0”
BFRE = “1”
Buffer full
When packet is
received
Not generated
Zero-Length packet received
When packet is
received
When packet is received
Normal packet received
When packet is
received
When reading of the received data from
the buffer memory has been completed
Transaction counter ended
When packet is
received
When reading of the received data from
the buffer memory has been completed
This function is valid only in the direction of reading from the buffer memory. In the writing direction, the BFRE bit
should be fixed at “0”.
3.4.4
Timing at which the FIFO port can be accessed
This chapter explains the access timing to FIFO port. When there is no description, both a Host and Peripheral are
the same operation.
3.4.4.1 Timing at which the FIFO port can be accessed when switching pipes
Figure 3.23 shows a diagram of the timing up to the point where the FRDY bit and DTLN bit are determined when
the pipe specified by the FIFO port has been switched (the CURPIPE bit of the C/DxFIFOSEL register has been
changed).
If the CURPIPE bit has been changed, access to the FIFO port should be carried out after waiting 450 ns after
writing to the C/DxFIFOSEL register.
The same timing applies with respect to the CFIFO port, when the ISEL bit is changed.
Indefinite
Indefinite
WR N
CURPIPE
FRDY
DTLN
max 450ns
max 100ns
min 20ns
PIPE-A
PIPE-A
PIPE-A
PIPE-B
PIPE-B
PIPE-B
Writing of the CURPIPE bit
Figure 3.23 Timing at which the FRDY and DTLN bits are determined after changing a pipe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com