Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 93Page - Renesas Technology Corp M66596 Datasheet HTML 94Page - Renesas Technology Corp M66596 Datasheet HTML 95Page - Renesas Technology Corp M66596 Datasheet HTML 96Page - Renesas Technology Corp M66596 Datasheet HTML 97Page - Renesas Technology Corp M66596 Datasheet HTML 98Page - Renesas Technology Corp M66596 Datasheet HTML 99Page - Renesas Technology Corp M66596 Datasheet HTML 100Page - Renesas Technology Corp M66596 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 95 of 127
3.9.4
Setup of data to be transmitted using isochronous transfer in the Peripheral mode.
With isochronous data transmission using this controller at Peripheral mode, after data has been written to the
buffer memory, a data packet can be sent with the next frame in which an SOF packet is detected. This function is
called the isochronous transfer transmission data setup function, and it makes it possible to designate the frame
from which transmission began.
If a double buffer is being used for the buffer memory, transmission will be enabled for only one of the two buffers
even after the writing of data to both buffers has been completed, that buffer memory being the one to which the
data writing was completed first. For this reason, even if multiple IN tokens are received, the only buffer memory
that can be sent is one packet’s worth of data.
When an IN token is received, if the buffer memory is in the transmission enabled state, the controller transmits
the data. If the buffer memory is not in the transmission enabled state, however, a Zero-Length packet is sent and an
underrun error occurs.
Figure 3.26 shows an example of transmission using the isochronous transfer transmission data setup function
with the controller, when “IITV=0 (every frame)” has been set. Sending of a Zero-Length packet is displayed in the
illustration as “Null”, in a shaded box.
Transmission enabled state
Buffer A
Buffer B
Writing completed
Empty state
IN
Buffer A
Buffer B
Null
IN
Data-A
IN
Data-B
IN
Buffer A
Buffer B
Null
IN
Data-A
IN
Data-B
IN
Null
Transmission enabled state
Writing in
progress
Writing completed
Empty state
IN
IN
Null
Null
Empty state
IN
Buffer A
Buffer B
Empty state
Data-A
Received token
Sent packet
Received token
Send packet
Received token
Send packet
SOF packet
Writing in
progress
Empty state
Writing in
progress
Transmission enabled state
Empty state Writing in
progress
Writing completed
Transmission
enabled state
Empty state
Writing in
progress
Writing completed
Empty state
Writing in
progress
Writing completed
Transmission
enabled state
Empty state
Empty state
Writing in
progress
Writing completed
Transmission
enabled state
Empty state
Writing in
progress
Writing completed
Empty state
Writing in
progress
Writing completed
Transmission
enabled state
Empty state
Figure 3.26 Example of data setup function operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com