Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 61Page - Renesas Technology Corp M66596 Datasheet HTML 62Page - Renesas Technology Corp M66596 Datasheet HTML 63Page - Renesas Technology Corp M66596 Datasheet HTML 64Page - Renesas Technology Corp M66596 Datasheet HTML 65Page - Renesas Technology Corp M66596 Datasheet HTML 66Page - Renesas Technology Corp M66596 Datasheet HTML 67Page - Renesas Technology Corp M66596 Datasheet HTML 68Page - Renesas Technology Corp M66596 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 63 of 127
3.2.2
Operation and notes in a clock stop state
VBINT
, RESM, and BCHG generate a interrupt status in the clock stop(include low-power sleep state) . When
clearing the interrupt status VBINT, RESM, and BCHG in the clock stop state, it is necessary to write "0" in the bit of
an interrupt status register, then to write in "1" further.
3.2.3
BRDY interrupt
The BRDY interruption is generated whichever it has chosen of Host and Peripheral mode.
Table 3.9 shows the conditions under which the controller sets “1” to a pertinent bit of the BRDYSTS register.
Under above condition, the controller generats BRDY interrupt, if software enables PIPERDYE bit of the BRDYENB
register and BRDYE bit of the INTENB0 register. Figure 3.13 shows the timing at which BRDY interrupts are
generated..
The conditions for elimination the BRDY bit of the INTSTS0 register are depend on the setting of the BRDYM bit of
the INTENB1 register. Table 3.10 shows the conditions.
Under the conditions noted below in the Peripheral mode, a Zero-Length packet is sent for an IN token, and the
BRDY
interrupt is not generated.
- When “0x000” is set in the MXPS bit of the PIPEMAXP register for a pipe, and the transfer type of the pertinent
pipe is bulk IN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com