Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR Datasheet(PDF) 2 Page - Japan Automatic Machine Co., Ltd.

Part # SNR
Description  2MM W TO B CONNECTOR 5P HOUSING
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

SNR Datasheet(HTML) 2 Page - Japan Automatic Machine Co., Ltd.

  SNR Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 4Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 5Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 6Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 7Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SNR
(UNIT:mm)
(UNIT:mm)
基板・組立レイアウト BOARD・ASSEMBLY LAYOUT
ノーキーイングタイプ(No-Keying Type)
キーイングタイプ(Keying Type)
注1)基板穴のピッチは全体にわたって公差±0.05で累積しないこと。
Note 1)Pitch of P.C.B. hole must not be accumulated in tolerance of ±0.05 as a whole.
注2)推奨基板レイアウト(コネクタ装着面)
Note 2) P.C.B. Layout(Connector installation side)
注3)基板穴寸法は基板の種類・材質・穴開け方法によって異なります。スルーホール基板などの固い素
材の基板をご使用の場合は穴径を大きめに設定してください。上記の記載寸法は参考値ですので詳しく
は弊社までお問い合わせください。
Note 3)Dimensions of P.C.B. hole are different in kinds of P.C.B. material and methods
of making holes. Diameter of holes must be set a bit lager if material is used hard like
Through-Hole P.C.B. The above is only reference value. Please contact us for more details.
極 数
Pole No.
A
B
16
34.0
30.0
5
12.0
8.0
17
36.0
32.0
18
38.0
34.0
19
40.0
36.0
20
42.0
38.0
(B-type)
(A-type)
16∼20P
5P
4.7
B
B
2
2
7.3
7.9
4.7
7.3
7.5
A
A
キーイングA
キーイングB
Keying A
Keying B
Lock Side
∅1.1
+0.1
-0
1.4±0.05
1.4±0.05
1.4±0.05
ロック側
Lock Side
ロック側
Lock Side
ロック側
B
2±0.05
2±0.05
2±0.05
±0.1
B±0.1
B±0.1
Board to Wire
Connector
93



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com