Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR Datasheet(PDF) 3 Page - Japan Automatic Machine Co., Ltd.

Part # SNR
Description  2MM W TO B CONNECTOR 5P HOUSING
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

SNR Datasheet(HTML) 3 Page - Japan Automatic Machine Co., Ltd.

  SNR Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 4Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 5Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 6Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 7Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
(UNIT:mm)
注1)アプリケータは搭載するマシンにより型式番号が異なります。
注2)シールド線・同軸ケーブル・小サイズ電線・その他の特殊仕様の電線を使用の時は、お問
い合わせ下さい。
Note 1)Model number of each applicator is decided by setting machine.
Note 2)Contact us if special wire like shielded wire, coaxial cable, small size
wire is used.
極 数
Pole No.
A
B
3
10.0
4.0
2
8.0
2.0
6
16.0
10.0
2±0.05
2±0.05
2±0.05
B±0.1
B±0.1
B±0.1
2 ±0.05
2.4±0.05
1.4±0.05
A
B
2
7.5
4.7
7.3
D,E,F type
(D-type)
(E-type)
(F-type)
表面処理
Finish
被覆剥き長さ
Stripping length
個数/リール
PCS/Reel
備 考
Reference
品 番
Part No.
適用電線範囲
Wire Size
被覆外径
Dia of Insulation
材 質
Material
720462-2MAC
#22∼#28
φ1.2∼φ1.5mm
リン青銅
Phosphor Bronze
スズメッキ材
Pre-tin Plated
2.5±0.2mm
15,000×6R
搭載機種
Loaded Model
端子番号
Terminal No.
圧着マシン
Crimping Machine
ストリップクリンパー
Strip Crimper
720462
TJS-42600
端子 TERMINAL
アプリケータ APPLICATOR
Lock Side
ロック側
Lock Side
ロック側
Lock Side
ロック側
Keying F
キーイングF
Keying E
キーイングE
Keying D
キーイングD
SNR
基板・組立レイアウト BOARD・ASSEMBLY LAYOUT
キーイングタイプ(Keying Type)
注1)基板穴のピッチは全体にわたって公差±0.05で累積しないこと。
Note 1)Pitch of P.C.B. hole must not be accumulated in tolerance of ±0.05 as a whole.
注2)推奨基板レイアウト(コネクタ装着面)
Note 2) P.C.B. Layout(Connector installation side)
注3)基板穴寸法は基板の種類・材質・穴開け方法によって異なります。スルーホール基板などの固い素
材の基板をご使用の場合は穴径を大きめに設定してください。上記の記載寸法は参考値ですので詳しく
は弊社までお問い合わせください。
Note 3)Dimensions of P.C.B. hole are different in kinds of P.C.B. material and methods
of making holes. Diameter of holes must be set a bit lager if material is used hard like
Through-Hole P.C.B. The above is only reference value. Please contact us for more details.
2・3・6P
Board to Wire
Connector
94
(UNIT:mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com