Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR Datasheet(PDF) 5 Page - Japan Automatic Machine Co., Ltd.

Part # SNR
Description  2MM W TO B CONNECTOR 5P HOUSING
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

SNR Datasheet(HTML) 5 Page - Japan Automatic Machine Co., Ltd.

  SNR Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 4Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 5Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 6Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 7Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
極 数
Pole No.
製品番号
Product No.
A
B
材 質
Material
ポッティング型ボス付き
Potting Type with Boss
■ベース:BASE■
PBT GF入
(PBT with GF)
UL94 V-0
■角ピン:Square pin■
黄銅(Brass)
スズメッキ材
(Pre-tin Plated)
5
SNR20-05WPB
12.0
8.0
極 数
Pole No.
製品番号
Product No.
A
B
材 質
Material
ポッティング型ボス付き
Potting Type with Boss
■ベース:BASE■
PBT GF入
(PBT with GF)
UL94 V-0
■角ピン:Square pin■
黄銅(Brass)
スズメッキ材
(Pre-tin Plated)
■ベース:BASE■
PBT GF入
(PBT with GF)
UL94 V-0
■角ピン:Square pin■
黄銅(Brass)
スズメッキ材
(Pre-tin Plated)
16
SNR20□-16WPB-TR
34.0 30.0
17
SNR20□-17WPB-TR
36.0 32.0
18
SNR20□-18WPB-TR
38.0 34.0
19
SNR20□-19WPB-TR
40.0 36.0
20
SNR20□-20WPB-TR
42.0 38.0
(UNIT:mm)
ウエハー WAFER
ポッティング型(Potting Type)
SNR
5P
16∼20P
16∼20P
No.1
No.1
A
B
A
B
A
B
A
B
2
2
1.4
1.4
0.9
6.4
0.9
6.4
0.9
6.4
0.9
6.4
1.4
2.9
1.4
2.9
1.4
2.9
1.4
2.9
φ0.8
φ0.8
φ0.8
2.4
2
2
2
φ0.8
(A-type)
2、3、6P
2、3、6P
2、3、6P
(D-type)
(E-type)
(B-type)
(F-type)
6.4
B
2
B
2
0.9
6.4
0.9
1.4
A
A
No.1
No.1
No.1
No.1
1.4
2.9
1.4
2.9
∅0.8
1.4
∅0.8
500
個数/袋
Quantity/Bag
個数/袋
Quantity/Bag
110
110
90
100
100
個数/トレー
Quantity/Tray
極 数
Pole No.
製品番号
Product No.
A
B
材 質
Material
ポッティング型ボス付き
Potting Type with Boss
2
SNR20□-02WPB
8.0
2.0
3
SNR20□-03WPB
10.0 4.0
6
SNR20□-06WPB
16.0 10.0
500
500
500
Keying E
Keying F
Keying D
Board to Wire
Connector
96



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com