Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR Datasheet(PDF) 4 Page - Japan Automatic Machine Co., Ltd.

Part # SNR
Description  2MM W TO B CONNECTOR 5P HOUSING
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

SNR Datasheet(HTML) 4 Page - Japan Automatic Machine Co., Ltd.

  SNR Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 4Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 5Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 6Page - Japan Automatic Machine Co., Ltd. SNR Datasheet HTML 7Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SNR
(UNIT:mm)
ハウジング HOUSING
No.1
No.1
7.5
7.5
A
B
7.5
No.1
2
A-type
5P
16∼20P
16∼20P
2、3、6P
2、3、6P
2、3、6P
D-type
No.1
No.1
No.1
A
B
7.5
2
B
Keying E
Keying F
2
B
2
B-type
F-type
E-type
2
A
A
7.5
A
7.5
A
B
2
B
極 数
Pole No.
製品番号
Product No.
A
B
材 質
Material
PBT
UL94 V-0
5
SNR20-05HGA
10.8
8.0
極 数
Pole No.
製品番号
Product No.
A
B
材 質
Material
PBT
UL94 V-0
16
SNR20
□-16HG
32.8
30.0
17
SNR20
□-17HG
34.8
32.0
18
SNR20
□-18HG
36.8
34.0
極 数
Pole No.
製品番号
Product No.
A
B
材 質
Material
PBT
UL94 V-0
2
SNR20
□-02HG
6.8
2.0
3
SNR20
□-03HG
8.8
4.0
6
SNR20
□-06HG
14.8
10.0
19
SNR20
□-19HG
38.8
36.0
20
SNR20
□-20HG
40.8
38.0
1,000
個数/袋
Quantity/Bag
1,000
個数/袋
Quantity/Bag
1,000
個数/袋
Quantity/Bag
Board to Wire
Connector
95
※3P以下はシングルロック
Single Lock For 3P and Below
Keying D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com