Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8342ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8342ACPZ-R2
Description  Active Receive Mixer LF to 500 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8342ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8342
Rev. 0 | Page 11 of 20
60
0
100
550
RF FREQUENCY (MHz)
50
40
30
20
10
IF = 10MHz
IF = 140MHz
IF = 90MHz
IF = 48MHz
150
200
250
300
350
400
450
500
Figure 21. Input IP2 vs. RF Frequency (Second RF = R F - 50 MHz)
60
40
58
56
54
52
50
48
46
44
42
–15
5
LO LEVEL (dBm)
–13
–11
–9
–7
–5
–3
–1
1
3
IF = 10MHz
IF = 48MHz
IF = 90MHz
IF = 140MHz
Figure 22. Input IP2 vs. LO Level, fRF = 238 MHz, ,fRF2 =188MHz
14.0
11.0
50
550
RF FREQUENCY (MHz)
13.5
13.0
12.5
12.0
11.5
100
150
200
250
300
350
400
450
500
Figure 23. Noise Figure vs. RF Frequency, IF Frequency = 48 MHz
60
0
10
IF FREQUENCY (MHz)
50
40
30
20
10
50
100
150
200
250
300
350
RF = 238MHz
RF = 460MHz
Figure 24. Input IP2 vs. IF Frequency (Second RF = R F - 50 MHz)
60
40
58
56
54
52
50
48
46
44
42
VPOS (V)
4.75
5.25
4.85
4.95
5.05
5.15
Figure 25. Input IP2 vs. Vpos, fRF1 = 238 MHz,
fRF2 = 188 MHz, fLO = 286 MHz
16
0
10
IF FREQUENCY (MHz)
14
12
10
8
6
4
2
60
110
160
210
260
310
RF = 460MHz
RF = 238MHz
Figure 26. Noise Figure vs. IF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com