Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8342ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8342ACPZ-R2
Description  Active Receive Mixer LF to 500 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8342ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8342
Rev. 0 | Page 15 of 20
AC INTERFACES
The AD8342 is designed to downconvert radio frequencies (RF)
to lower intermediate frequencies (IF) using a high or low-side
local oscillator (LO). The LO is injected into the mixer core at a
frequency higher or lower than the desired input RF. The
difference between the LO and the RF , fLO − fRF, (high side) or
fRF − fLO (low side) is the intermediate frequency, fIF. In addition
to the desired RF signal, an RF image is downconverted to the
desired IF frequency. The image frequency is at fLO + fIF when
driven with a high side LO . When using a broadband load, the
conversion gain of the AD8342 is nearly constant over the
specified RF input band (see Figure 3).
The AD8342 is designed to operate over a broad frequency
range. It is essential to ac-couple RF and LO ports to prevent dc
offsets from skewing the mixer core in an asymmetrical man-
ner, potentially degrading noise figure and linearity.
The RF input of the AD8342 is high impedance, 1 kΩ across the
frequency range shown in Figure 41. The input capacitance
decreases with frequency due to package parasitics.
2.00
1.00
00
0
1G
FREQUENCY (Hz)
1.75
1.50
0.75
1.25
1.00
0.50
0.75
0.50
0.25
0.25
100M 200M 300M 400M 500M 600M 700M 800M 900M
Figure 41. RF Input Impedance
The matching or termination used at the RF input of the
AD8342 has a direct effect on its dynamic range. The charac-
terization circuit, as well as the evaluation board, uses a 100 Ω
resistor to terminate the RF port. This termination resistor in
shunt with the input stage results in a return loss of better than
−10 dBm (relative to 50 Ω). Table 4 shows gain, IP3, P1dB, and
noise figure for four different input networks. This data was
measured at an RF frequency of 250 MHz and at an LO
frequency of 300 MHz.
Table 4. Dynamic Performance for Various Input Networks
Input
Network
50 Ω
Shunt
100 Ω
Shunt
500 Ω
Shunt
Matched
(Fig. 40)
Gain (dB)
0.66
3.5
5.3
9.3
IIP3 (dBm)
25.4
22.9
20. 6
18.5
P1dB (dBm)
10.8
8.4
6.3
2.3
NF (dB)
14
12.5
10.2
10.5
The RF port can also be matched using an LC circuit, as shown
in Figure 42.
ZL
1k
Ω
ZO = 50Ω
fMAIN = 250MHz
50
Ω
3.6pF
100nH
(1000 + j0)
Ω
Figure 42. Matching Circuit
Impedance transformations of greater than 10:1 result in a
higher Q circuit and thus a narrow RF input bandwidth. A 1 kΩ
resistor is placed across the RF input of the device in parallel
with the device internal input impedance, creating a 500 Ω load.
This impedance is matched to as close as possible to 50 Ω for
the source, with standard components using a shunt C, series L
matching circuit (see Figure 43).
25.0
10.0
10.0
25.0
50.0
100.0
200.0
500.0
500.0
200.0
100.0
50.0
Q = 3.0
1
2
3
4
Point 1(1000.0 + j0.0)Ω Q = 0.0 at 250.000 MHz
Point 2(500.0 + j0.0)Ω Q = 0.0 at 250.000 MHz
Point 3(55.6 − j157.2)Ω Q = 2.8 at 250.000 MHz
Point 4(55.6 − j0.1)Ω Q = 0.0 at 250.000 MHz
Figure 43. LC Matching Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com