Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8342ACPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8342ACPZ-R2
Description  Active Receive Mixer LF to 500 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8342ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8342
Rev. 0 | Page 17 of 20
COMM 8
IFOP 7
IFOM 6
COMM 5
AD8342
ZL = 100Ω
IF OUT
ZO = 50Ω
+VS
2:1
Figure 47. Biasing the IF Port Open-Collector Outputs
Using a Center-Tapped Impedance Transformer
COMM
8
IFOP
7
IFOM 6
COMM
5
AD8342
RFC
+VS
RFC
ZL = 100Ω
IF OUT+
IF OUT–
+VS
ZL
IMPEDANCE
TRANSFORMING
NETWORK
Figure 48. Biasing the IF Port Open-Collector Outputs
Using Pull-Up Choke Inductors
The AD8342 is optimized for driving a 100 Ω load. Although
the device is capable of driving a wide variety of loads, to main-
tain optimum distortion and noise performance, it is advised
that the presented load at the IF outputs is close to 100 Ω. The
linear differential voltage conversion gain of the mixer can be
modeled as
LOAD
m
R
G
Av
×
=
where:
e
m
m
m
R
g
g
G
+
=
1
1
π
RLOAD is the single-ended load impedance.
gm is the transistor transconductance and is equal to
1810/RBIAS.
Re is 15 Ω.
The external RBIAS resistor is used to control the power dissipa-
tion and dynamic range of the AD8342. Because the AD8342
has internal resistive degeneration, the conversion gain is pri-
marily determined by the load impedance and the on-chip
degeneration resistors. Figure 49 shows how gain varies with IF
load. The external RBIAS resistor has only a small effect. The
most direct way to affect conversion gain is by varying the load
impedance. Small loads result in lower gains while larger loads
increase the conversion gain. If the IF load impedance is too
large it causes a decrease in linearity (P1dB, IP3). In order to
maintain positive conversion gain and preserve SFDR perform-
ance, the differential load presented at the IF port should
remain in the range of ~ 100 Ω to 250 Ω.
30
0
10
1000
IF LOAD (
Ω)
100
25
20
15
10
5
MEASURED
MODELED
Figure 49. Voltage Conversion Gain vs. IF Loading
LO CONSIDERATIONS
The LOIN port provides a 50 Ω load impedance with common-
mode decoupling on LOCM. Again, common-grade ceramic
capacitors provide sufficient signal coupling and bypassing of
the LO interface.
The LO signal needs to have adequate phase noise characteris-
tics and low second-harmonic content to prevent degradation
of the noise figure performance of the AD8342. An LO plagued
with poor phase noise can result in reciprocal mixing, a mecha-
nism that causes spectral spreading of the downconverted sig-
nal, limiting the sensitivity of the mixer at frequencies close-in
to any large input signals. The internal LO buffer provides
enough gain to hard-limit the input LO and provide fast switch-
ing of the mixer core. Odd harmonic content present on the LO
drive signal should not impact mixer performance; however,
even-order harmonics cause the mixer core to commutate in an
unbalanced manner, potentially degrading noise performance.
Simple lumped element low-pass filtering can be applied to help
reject the harmonic content of a given local oscillator, as shown
in Figure 50. The filter depicted is a common 3-pole Chebyshev,
designed to maintain a 1-to-1 source-to-load impedance ratio
with no more than 0.5 dB of ripple in the pass band. Other filter
structures can be effective as long as the second harmonic of the
LO is filtered to negligible levels, for example, ~30 dB below the
fundamental.
AD8342
LOIN
3
COMM
4
LOCM
2
RL
FOR RS = RL
fC - FILTER CUTOFF FREQUENCY
RS
C1
C3
LO
SOURCE
L2
C1 =
1.864
2
πfcR
L
C3 =
1.834
2
πfcR
L
L2 =
1.28RL
2
πfc
Figure 50. Using a Low-Pass Filter to Reduce LO Second Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com