Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8342ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8342ACPZ-R2
Description  Active Receive Mixer LF to 500 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8342ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8342ACPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8342
Rev. 0 | Page 14 of 20
CIRCUIT DESCRIPTION
The AD8342 is an active mixer optimized for operation within
the input frequency range of near dc to 500 MHz. It has a dif-
ferential, high impedance RF input that can be terminated or
matched externally. The RF input can be driven either single-
ended or differentially. The LO input is a single-ended 50 Ω
input. The IF outputs are differential open-collectors. The mixer
current can be adjusted by the value of an external resistor to
optimize performance for gain, compression, and intermodula-
tion, or for low power operation. Figure 39 shows the basic
blocks of the mixer, including the LO buffer, RF voltage-to-
current converter, bias cell, and mixing core.
The RF voltage to RF current conversion is done via a resistively
degenerated differential pair. To drive this port single-ended,
the RFCM pin should be ac-grounded while the RFIN pin is
ac-coupled to the signal source. The RF inputs can also be
driven differentially. The voltage-to-current converter then
drives the emitters of a four-transistor switching core. This
switching core is driven by an amplified version of the local
oscillator signal connected to the LO input. There are three
limiting gain stages between the external LO signal and the
switching core. The first stage converts the single-ended LO
drive to a well-balanced differential drive. The differential drive
then passes through two more gain stages, which ensures a lim-
ited signal drives the switching core. This affords the user a
lower LO drive requirement, while maintaining excellent distor-
tion and compression performance. The output signal of these
three LO gain stages drives the four transistors within the mixer
core to commutate at the rate of the local oscillator frequency.
The output of the mixer core is taken directly from its open
collectors. The open collector outputs present a high impedance
at the IF frequency. The conversion gain of the mixer depends
directly on the impedance presented to these open collectors. In
characterization, a 100 Ω load was presented to the part via a
2:1 impedance transformer.
The device also features a power-down function. Application of
a logic low at the PWDN pin allows normal operation. A high
logic level at the PWDN pin shuts down the AD8342. Power
consumption when the part is disabled is less than 10 mW.
The bias for the mixer is set with an external resistor (RBIAS)
from the EXRB pin to ground. The value of this resistor directly
affects the dynamic range of the mixer. The external resistor
should not be lower than 1.82 kΩ. Permanent damage to the
part could result if values below 1.8 kΩ are used. This resistor
sets the dc current through the mixer core. The performance
effects of changing this resistor can be seen in the Typical Per-
formance Characteristics section.
LO
INPUT
VPLO
IFOP
IFOM
RFIN
RFCM
BIAS
EXTERNAL
BIAS
RESISTOR
VPDC
PWDN
V
TO
I
Figure 39. Simplified Schematic Showing the Key Elements of the AD8342
As shown in Figure 40, the IF output pins, IFOP and IFOM, are
directly connected to the open collectors of the NPN transistors
in the mixer core so the differential and single-ended imped-
ances looking into this port are relatively high—on the order of
several kΩ. A connection between the supply voltage and these
output pins is required for proper mixer core operation.
IFOP IFOM
LOIN
RFCM
RFIN
COMM
Figure 40. AD8342 Simplified Schematic
The AD8342 has three pins for the supply voltage: VPDC,
VPMX, and VPLO. These pins are separated to minimize or
eliminate possible parasitic coupling paths within the AD8342
that could cause spurious signals or reduced interport isolation.
Consequently, each of these pins should be well bypassed and
decoupled as close to the AD8342 as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com