Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7901 Datasheet(PDF) 49 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 45Page - Texas Instruments AFE7901 Datasheet HTML 46Page - Texas Instruments AFE7901 Datasheet HTML 47Page - Texas Instruments AFE7901 Datasheet HTML 48Page - Texas Instruments AFE7901 Datasheet HTML 49Page - Texas Instruments AFE7901 Datasheet HTML 50Page - Texas Instruments AFE7901 Datasheet HTML 51Page - Texas Instruments AFE7901 Datasheet HTML 52Page - Texas Instruments AFE7901 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 160 page
background image
7.12.2 RX Typical Characteristics at 800 MHz (continued)
Typical values at TA = +25°C, ADC Sampling Rate = 2949.12 GHz. Default conditions: output sample rate = 491.52MSPS
(decimate by 6), PLL clock mode with fREF = 491.52MHz, AIN = –3 dBFS, DSA setting = 4 dB.
DSA (dB)
3
6
9
12
15
18
-87
-84
-81
-78
-75
-72
-69
-40qC
25qC
110qC
With 0.8 GHz matching, DDC bypass mode (TI only mode for
characterization)
Figure 7-74. RX HD3 vs DSA Setting and Temperature at 0.8
GHz
Input Amplitude (dBFS)
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
1RX
2RX
3RX
4RX
With 0.8 GHz matching, DDC bypass mode (TI only mode for
characterization)
Figure 7-75. RX HD3 vs Input Level and Channel at 0.8 GHz
Input Amplitude (dBFS)
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
-125
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-40 qC, DSA=4dB
-40 qC, DSA=12dB
25 qC, DSA=4dB
25 qC, DSA=12dB
110 qC, DSA=4dB
110 qC, DSA=12dB
With 0.8 GHz matching, DDC bypass mode (TI only mode for
characterization)
Figure 7-76. RX HD3 vs Input Level and Temperature at 0.8 GHz
DSA (dB)
0
2
4
6
8
10
12
14
16
80
85
90
95
100
1RX
2RX
3RX
4RX
With 0.8 GHz matching
Figure 7-77. RX Non-HD2/3 vs DSA Setting at 0.8 GHz
Supply Voltage
-94
-92
-90
-88
-86
-84
-82
-80
MIN
TYP
MAX
1RX
2RX
3RX
4RX
With 0.8 GHz matching, –7 dBFS each tone, 20-MHz tone
spacing, all supplies at MIN, TYP, or MAX recommended
operating voltages
Figure 7-78. RX IMD3 vs Supply and Channel at 0.8 GHz
Supply Voltages
-112
-110
-108
-106
-104
-102
-100
-98
-96
-94
MIN
TYP
MAX
1RX
2RX
3RX
4RX
With 0.8 GHz matching, –7 dBFS each tone, 20-MHz tone
spacing, all supplies at MIN, TYP, or MAX recommended
operating voltages
Figure 7-79. RX IMD5 vs Supply and Channel at 0.8 GHz
www.ti.com
AFE7901
SBASAO5 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com