Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7901 Datasheet(PDF) 11 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 7Page - Texas Instruments AFE7901 Datasheet HTML 8Page - Texas Instruments AFE7901 Datasheet HTML 9Page - Texas Instruments AFE7901 Datasheet HTML 10Page - Texas Instruments AFE7901 Datasheet HTML 11Page - Texas Instruments AFE7901 Datasheet HTML 12Page - Texas Instruments AFE7901 Datasheet HTML 13Page - Texas Instruments AFE7901 Datasheet HTML 14Page - Texas Instruments AFE7901 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 160 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply Voltage
Range
DVDD0P9, VDDT0P9
–0.3
1.2
V
VDD1P2RX, VDD1P2TXCLK, VDD1P2TXENC, VDD1P2PLL,
VDD1P2PLLCLKREF, VDD1P2FB, VDD1P2FBCML,
VDD1P2RXCML
–0.3
1.4
V
VDD1P8RX, VDD1P8RXCLK, VDD1P8TX, VDD1P8TXDAC,
VDD1P8TXENC, VDD1P8PLL, VDD1P8PLLVCO, VDD1P8FB,
VDD1P8FBCLK, VDD1P8GPIO, VDDA1P8
–0.5
2.1
V
Pin Volatge
Range
{1/2/3/4}RXIN+/-
–0.5 VDDRX1P8+0.3
V
1FBIN+/-, 2FB+/-
–0.5 VDDFB1P8+0.3
V
{1/2/3/4}TXOUT+/-
–0.5 VDDTX1P8+0.3
V
REFCLK+/-, SYSREF+/-
–0.3
1.4
V
{1:8}SRX+/-
–0.3
1.4
V
{1:8}STX+/-
–0.3
1.4
V
GPIO{B/C/D/E}x, SPICLK, SPISDIO, SPISDO, SPISEN, RESETZ,
BISTB0, BISTB1
–0.5
VDD1P8GPIO +
0.3
V
IFORCE, VSENSE
–0.3
VDDCLK1P8 +
0.3
V
SRDAMUX1, SRDAMUX2
–0.3
VDDA1P8+0.3
V
Peak Input
Current
any input
20
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, all pins(1)
1000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
www.ti.com
AFE7901
SBASAO5 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com