Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7901 Datasheet(PDF) 69 Page - Texas Instruments

Part # AFE7901
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AFE7901 Datasheet HTML 65Page - Texas Instruments AFE7901 Datasheet HTML 66Page - Texas Instruments AFE7901 Datasheet HTML 67Page - Texas Instruments AFE7901 Datasheet HTML 68Page - Texas Instruments AFE7901 Datasheet HTML 69Page - Texas Instruments AFE7901 Datasheet HTML 70Page - Texas Instruments AFE7901 Datasheet HTML 71Page - Texas Instruments AFE7901 Datasheet HTML 72Page - Texas Instruments AFE7901 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 160 page
background image
7.12.6 RX Typical Characteristics 4.9 GHz (continued)
Typical values at TA = +25°C, ADC Sampling Rate = 2949.12 GHz. Default conditions: output sample rate = 491.52 MSPS
(decimate by 6), PLL clock mode with fREF = 491.52 MHz, AIN = –3 dBFS, DSA setting = 4 dB.
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110
-156
-155.8
-155.6
-155.4
-155.2
-155
-154.8
DSA = 4dB
DSA = 12dB
With 4.9 GHz matching, 12.5-MHz offset from tone
Figure 7-185. RX Noise Spectral Density vs Temperature at 4.9
GHz
Input Amplitude (dBFS)
-30
-25
-20
-15
-10
-5
0
-157
-156
-155
-154
-153
-152
-151
-150
-149
-148
-147
-146
-145
-40 qC, DSA = 4dB
-40 qC, DSA = 12dB
25 qC, DSA = 4dB
25 qC, DSA = 12dB
110 qC, DSA = 4dB
110 qC, DSA = 12dB
With 4.9 GHz matching, DSA Setting = 12 dB, 12.5-MHz offset
from tone
Figure 7-186. RX Noise Spectral Density vs Input Amplitude and
Temperature at 4.9 GHz
Input Amplitude (dBFS)
-30
-25
-20
-15
-10
-5
0
-157
-156
-155
-154
-153
-152
-151
-150
-149
-148
-147
-146
-145
1RX, DSA = 4dB
1RX, DSA = 12dB
2RX, DSA = 4dB
2RX, DSA = 12dB
3RX, DSA = 4dB
3RX, DSA = 12dB
4RX, DSA = 4dB
4RX, DSA = 12dB
With 4.9 GHz matching, 12.5-MHz offset from tone
Figure 7-187. RX Noise Spectral Density vs Input Amplitude and
Channel at 4.9 GHz
DSA (dB)
0
2
4
6
8
10
12
14
16
18
20
-94
-89
-84
-79
-74
-69
-64
-40 qC
25 qC
110qC
With 4.9 GHz matching, each tone –7 dBFS, tone spacing =
20 MHz
Figure 7-188. RX IMD3 vs DSA Setting and Temperature at 4.9
GHz
Input Amplitude (dBFS)
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-130
-125
-120
-115
-110
-105
-100
-95
-90
-85
-80
-40 qC
25 qC
110qC
With 4.9 GHz matching, tone spacing = 20 MHz, DSA = 4 dB
Figure 7-189. RX IMD3 vs Input Level and Temperature at 4.9
GHz
Input Amplitude (dBFS)
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-125
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
-40 qC
25 qC
110qC
With 4.9 GHz matching, tone spacing = 20 MHz, DSA = 12 dB
Figure 7-190. RX IMD3 vs Input Level and Temperature at 4.9
GHz
www.ti.com
AFE7901
SBASAO5 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com