Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5350ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5350ACPZ-R7
Description  LF to 4 GHz High Linearity Y-Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5350ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Preliminary Technical Data
ADL5350
PrC | Page 11 of 24
820 MHz CHARACTERISTICS
8
7
6
5
4
3
2
1
0
50
380
350
300
250
200
150
100
IF FREQUENCY (MHz)
Figure 21. Noise Figure vs. IF Frequency
70
60
50
40
30
20
10
0
–5
–3
–1
3579
11
13
15
LO LEVEL (dBm)
Figure 22. Current vs. LO Level
7.4
7.2
7.0
6.8
6.6
6.4
6.2
6.0
–5
–3
–1
3579
11
13
15
LO LEVEL (dBm)
–40°C
+25°C
+85°C
Figure 23. Conversion Loss vs. LO Level
30
29
28
27
26
25
24
23
22
21
20
–5
–3
–1
3
1
5
7
9
11
13
15
LO LEVEL (dBm)
Figure 24. IIP3 vs. LO Level
22
21
20
19
18
17
16
15
–5
–3
–1
3
1
5
7
9
11
13
15
LO LEVEL (dBm)
Figure 25. Input Compression vs. LO Level
12
10
8
6
4
2
0
–6
–4
–2
0
2
4
10
8
6
LO LEVEL (dBm)
VPOS = 5V
VPOS = 3V
Figure 26. Noise Figure vs. LO Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com