Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5350ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5350ACPZ-R7
Description  LF to 4 GHz High Linearity Y-Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5350ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADL5350
Preliminary Technical Data
Rev. PrC | Page 20 of 24
APPLICATIONS
LOW FREQUENCY APPLICATIONS
Using an external capacitor from the GC pin to VPOS makes it
possible to operate the ADL5350 at frequencies below 100 MHz.
This capacitor is required because the internal capacitor
between the LO buffer and the gate of the device is only 4 pF.
This capacitance combined with the gate resistance causes a
high-pass filter corner of 80 MHz.
RF
GND
GND
LO
LO
INPUT
VPOS
VS
GC
RF
INPUT
OR OUTPUT
IF
IF
OUTPUT
OR INPUT
Figure 59. Block Diagram
This high-pass filter corner decreases the LO energy that is
reaching the mixer core. Using a 47 pF capacitor between VPOS
and GC reduces this corner frequency to 7 MHz.
The circuit in Figure 60 is designed for a RF of 70 MHz and an
IF of 10.7 MHz. The LO is at 59.3 MHz (Low Side LO). The
series resonant circuit is designed for 70 MHz and the parallel
resonant circuit is designed for 65 MHz.
RF/IF
GND2
LOIN
GND1
RF/IF
GC
VPOS
270nH
10nF
4.7µF
56pF
47pF
100nH
10nF
47pF
LO
10nF
100nH
RF
3V
IF
GND1
ADL5350
12
3
4
87
6
5
ALL INDUCTORS
ARE 0603CS
SERIES FROM
COILCRAFT
Figure 60. 70 MHz to 10.7 MHz Down-Conversion Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com