Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5350ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5350ACPZ-R7
Description  LF to 4 GHz High Linearity Y-Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5350ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADL5350
Preliminary Technical Data
Rev. PrC | Page 22 of 24
HIGH FREQUENCY APPLICATIONS
The ADL5350 can be used at extended frequencies with some
careful attention to board and component parasitics. Figure 61
is an example of a 2.3 GHz to 2.5 GHz down-conversion using a
low-side LO. The performance of this circuit is depicted in
Figure 62. Note that the inductor and capacitor values are very
small, especially for the RF and IF ports. Above 2.5 GHz, it is
necessary to consider alternate solutions to avoid unreasonably
small inductor and capacitor values.
RF/IF
GND2
LOIN
GND1
RF/IF
GC
VPOS
2.1nH
100pF
4.7µF
0.7pF
1.5nH
1nF
1pF
0.67nH
RF
3V
IF
GND1
ADL5350
12
3
4
87
6
5
3.0nH
LO
100pF
ALL INDUCTORS
ARE 0302CS
SERIES FROM
COILCRAFT
Figure 61. 2.3 GHz to 2.5 GHz Down-Conversion Schematic
30
25
20
15
10
5
0
–5
–10
12
–9
–6
–3
0
3
6
9
–12
2200
2250
2300
2350
2400
2450
2500
GAIN
IP1dB
IIP3
RF FREQUENCY (MHz)
Figure 62. Measured Performance for Circuit in Figure 61
Using Low-Side LO Injection and 374 MHz IF
The typical networks used for cellular applications below
2.5 GHz utilize band-select and band-reject networks on the RF
and IF ports. At higher RF frequencies, these networks are not
easily realized using lumped element components (discrete Ls
and Cs). As a result, it is necessary to consider alternate filter
network topologies to allow more reasonable values of
inductors and capacitors.
Figure 63 depicts a cross-over filter network approach to
provide isolation between the RF and IF ports for a down-
converting application. The cross-over network essentially
provides a high-pass filter to allow the RF signal to pass to the
RF/IF node (Pin 1 and Pin 8), while presenting a low-pass filter,
(which is actually band-pass when considering the DC blocking
capacitor, CAC). This allows the difference component (fRF – fLO)
to be passed to the desired IF load.
RF/IF
GND2
LOIN
GND1
RF/IF
GC
VPOS
3.8nH
100pF
C2
1.8pF
L2
1.5nH
CAC
100pF
C1
1.2pF
LO
100pF
3.5nH
RF
3V
IF
GND1
ADL5350
12
3
4
87
6
5
L1
3.5nH
4.7µF
ALL
INDUCTORS
ARE 0302CS
SERIES FROM
COILCRAFT
Figure 63. 3.3 GHz to 3.8 GHz Down-Conversion Schematic
When designing the RF and IF port networks, it is important to
remember that the networks share a common node (the RF/IF
pins). In addition, the opposing network presents some loading
impedance to the target network being designed. Classic audio
crossover filter design techniques can be applied to help derive
component values. However, some caution must be applied
when selecting component values. At high RF frequencies, the
board parasitics may significantly influence the final optimum
inductor and capacitor component selections. Some empirical
testing may be necessary to optimize the RF and IF port filter
networks. The performance of the circuit depicted in Figure 63
is provided in Figure 64.
30
28
26
24
22
20
18
16
14
–2
IIP3
–10
–9
–8
–7
–6
–5
–4
–3
3300 3350 3400 3450 3500 3550 3600 3650 3700 3750 3800
RF FREQUENCY (MHz)
IP1dB
GAIN
Figure 64. Measured Performance for Circuit in Figure 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com