Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5350ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5350ACPZ-R7
Description  LF to 4 GHz High Linearity Y-Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5350ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADL5350
Preliminary Technical Data
Rev. PrC | Page 14 of 24
1950 MHz CHARACTERISTICS
34
32
30
28
26
24
22
20
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
–40°C
+25°C
+85°C
Figure 36. IIP3 vs. VPOS
20
18
16
14
12
10
8
6
4
2
0
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
–40°C
+25°C
+85°C
Figure 37. Input Compression vs. VPOS
14
12
10
8
6
4
2
0
2.7
3.0
5.5
4.5
5.0
4.0
3.5
SUPPLY VOLTAGE (V)
Figure 38. Noise Figure vs. VPOS
35
30
25
20
15
10
5
0
1800
1850
1900
1950
2000
2050
RF FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 39. Current vs. RF Frequency
12
10
8
6
4
2
0
1800
1850
1900
1950
2000
2050
–40°C
+25°C
+85°C
RF FREQUENCY (MHz)
Figure 40. Conversion Loss vs. RF Frequency
34
30
32
28
26
24
22
20
1800
1850
1900
1950
2000
2050
–40°C
+25°C
+85°C
RF FREQUENCY (MHz)
Figure 41. IIP3 vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com