Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG51001 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SLG51001
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51001 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SLG51001 Datasheet HTML 9Page - Renesas Technology Corp SLG51001 Datasheet HTML 10Page - Renesas Technology Corp SLG51001 Datasheet HTML 11Page - Renesas Technology Corp SLG51001 Datasheet HTML 12Page - Renesas Technology Corp SLG51001 Datasheet HTML 13Page - Renesas Technology Corp SLG51001 Datasheet HTML 14Page - Renesas Technology Corp SLG51001 Datasheet HTML 15Page - Renesas Technology Corp SLG51001 Datasheet HTML 16Page - Renesas Technology Corp SLG51001 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
SLG51001
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switch
Datasheet
Revision 3.01
10-May-2022
CFR0011-120-00
13 of 25
© 2022 Renesas Electronics Corporation
Parameter
Description
Conditions
Min
Typ
Max
Unit
Quiescent Current Specifications
IQ_ON_0mA
Quiescent current
IOUT = 0 mA
380
600
μA
IQ_ON_1mA
Quiescent current
IOUT = 1 mA
400
600
μA
IQ_ON_300mA
Quiescent current
IOUT = 300 mA
2.8
3.2
mA
RPD_OFF
Output pull down resistance
VOUT = 0.5 V
LDO disabled
40
Ω
Note 1
For programmable selections, refer to Section 4.4.1
Note 2
The overall accuracy can be calculated by summing VOUT_PP + VOUT_TEMP + VOUT_STATIC_LD +
VOUT_STATIC_LINE
Note 3
For VIN - VOUT < 350 mV, PSRR will be degraded.
3.8
LDO_HV Characteristics
In the LDO_HV electrical characteristics table, unless otherwise specified, all specifications are
guaranteed for VDD above 2.5 V and below 5 V, for VIN as defined in the table, and apply over the
full operating temperature range, see Section 3.1.1.
Table 10: LDO_HV (LDO2, 3, 4, and 5) Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
External Electrical Conditions
VIN
Input voltage
1.7
Note 1
3.8
5
V
COUT
Output capacitance
Effective capacitance after
derating
0.45
2.2
20
μF
IOUT_MAX
Maximum output current
VOUT drops 50 mV
Note 2
500
mA
Programmable Conditions
VOUT
Selectable output voltage
1.2
3.3
3.75
V
VOUT_LSB
LSB of output voltage
programming DAC (8-bit
control)
10
mV
IOUT_STA
RTUP_LIM
Start-up current limit,
programmable in 12 mA
steps
Note 3
At 90 % VOUT
30
150
606
mA
IOUT_FUN
C_LIM
Functional current limit,
programmable in 12 mA
steps
Note 3
30
550
606
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com