Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG51001 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # SLG51001
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51001 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button SLG51001 Datasheet HTML 17Page - Renesas Technology Corp SLG51001 Datasheet HTML 18Page - Renesas Technology Corp SLG51001 Datasheet HTML 19Page - Renesas Technology Corp SLG51001 Datasheet HTML 20Page - Renesas Technology Corp SLG51001 Datasheet HTML 21Page - Renesas Technology Corp SLG51001 Datasheet HTML 22Page - Renesas Technology Corp SLG51001 Datasheet HTML 23Page - Renesas Technology Corp SLG51001 Datasheet HTML 24Page - Renesas Technology Corp SLG51001 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
SLG51001
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switch
Datasheet
Revision 3.01
10-May-2022
CFR0011-120-00
23 of 25
© 2022 Renesas Electronics Corporation
4.2
PCB Landing Pattern
Figure 4: PCB Landing Pattern
4.3
Moisture Sensitivity Level
The Moisture Sensitivity Level (MSL) is an indicator for the maximum allowable time period (floor
lifetime) in which a moisture sensitive plastic device, once removed from the dry bag, can be
exposed to an environment with a specified maximum temperature and a maximum relative humidity
before the solder reflow process. The MSL classification is defined in
Table 16.
For detailed information on MSL levels refer to the IPC/JEDEC standard J-STD-020, which can be
downloaded from http://www.jedec.org.
MSL rating does not apply to this device as it is not plastic encapsulated.
Table 16: MSL Classification
MSL Level
Floor Lifetime
Conditions
MSL 4
72 hours
30 °C / 60 % RH
MSL 3
168 hours
30 °C / 60 % RH
MSL 2A
4 weeks
30 °C / 60 % RH
MSL 2
1 year
30 °C / 60 % RH
MSL 1
Unlimited
30 °C / 85 % RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com