Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG51001 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # SLG51001
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51001 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button SLG51001 Datasheet HTML 14Page - Renesas Technology Corp SLG51001 Datasheet HTML 15Page - Renesas Technology Corp SLG51001 Datasheet HTML 16Page - Renesas Technology Corp SLG51001 Datasheet HTML 17Page - Renesas Technology Corp SLG51001 Datasheet HTML 18Page - Renesas Technology Corp SLG51001 Datasheet HTML 19Page - Renesas Technology Corp SLG51001 Datasheet HTML 20Page - Renesas Technology Corp SLG51001 Datasheet HTML 21Page - Renesas Technology Corp SLG51001 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
SLG51001
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switch
Datasheet
Revision 3.01
10-May-2022
CFR0011-120-00
18 of 25
© 2022 Renesas Electronics Corporation
Parameter
Description
Conditions
Min
Typ
Max
Unit
VOUT_STA
TIC_LD
Static load regulation
Note 4
1 mA < IOUT < IOUT_MAX
-8
2
mV
VDROPOU
T
Dropout voltage
@ VOUT = VOUT (VIN
(Max)) - 10 mV
IOUT = IOUT_MAX
Note 5
100
Note 6
mV
Dynamic Parameters
VOUT_TR_
LINE
Line transient response
VIN = VOUT +
VDROPOUT (Max) +
100 mV to VIN = VOUT +
VDROPOUT (Max)
VOUT = VOUT (Typ)
IOUT = IOUT_MAX
tR = tF = 100
mV/μs
2
5
mV
VOUT_TR_
LD_1mA
Load transient response
VIN = VOUT +
VDROPOUT (Max)
VOUT = VOUT (Typ)
IOUT = 1 mA to
IOUT_MAX/2
tR = tF = 1
μs
21
29
mV
tON
Turn-on time
Time to 90 % of VOUT
IOUT = 0 mA
C
OUT = 20 μF
0.15
ms
tOFF
Turn-off time
Time to 10 % of VOUT
IOUT = 0 mA
C
OUT = 20 μF
2
5
Note 7
ms
AC Parameters
PSRR1kHz
Power supply rejection ratio
f = 1 kHz
VIN = VOUT +
VDROPOUT (Max) +
200 mV
VOUT = VOUT (Typ)
IOUT = IOUT_MAX/2
COUT = 20
μF
76
dB
PSRR100k
Hz
Power supply rejection ratio
f = 100 kHz
VIN = VOUT +
VDROPOUT (Max) +
200 mV
VOUT = VOUT (Typ)
IOUT = IOUT_MAX/2
COUT = 20
μF
54
dB
VN
Output noise
f = 10 Hz to 100 kHz
IOUT = IOUT_MAX/2
100
μV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com