Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG51001 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SLG51001
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51001 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SLG51001 Datasheet HTML 17Page - Renesas Technology Corp SLG51001 Datasheet HTML 18Page - Renesas Technology Corp SLG51001 Datasheet HTML 19Page - Renesas Technology Corp SLG51001 Datasheet HTML 20Page - Renesas Technology Corp SLG51001 Datasheet HTML 21Page - Renesas Technology Corp SLG51001 Datasheet HTML 22Page - Renesas Technology Corp SLG51001 Datasheet HTML 23Page - Renesas Technology Corp SLG51001 Datasheet HTML 24Page - Renesas Technology Corp SLG51001 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
SLG51001
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switch
Datasheet
Revision 3.01
10-May-2022
CFR0011-120-00
21 of 25
© 2022 Renesas Electronics Corporation
3.11 Internal Oscillator Characteristics
Table 14: Internal Oscillator Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
fCLK
Internal clock frequency
7.2
8
8.8
MHz
3.12 UVLO Characteristics
Table 15: UVLO Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Programmable Conditions
VDD_UVL
O_LWR
Under-voltage lower
threshold (falling edge)
Note 1
2.215
2.658
V
VDD_UVL
O_UPPER
Under-voltage upper
threshold (rising edge)
VDD_
UVLO
_LWR
+ 3 %
V
Electrical Performance
VDD_POR
_UPPER
Deep discharge lockout
upper threshold
2.1
2.2
V
VDD_POR
_LWR
Deep discharge lockout
lower threshold
1.9
V
VDD_UVL
O_STAT_A
CC
Under-voltage lower
threshold static accuracy
with flip gate bandgap
reference
-1.5
1.5
%
Note 1
This voltage is programmed from OTP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com