Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X80121 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # X80121
Description  Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X80121 Datasheet(HTML) 4 Page - Renesas Technology Corp

  X80121 Datasheet HTML 1Page - Renesas Technology Corp X80121 Datasheet HTML 2Page - Renesas Technology Corp X80121 Datasheet HTML 3Page - Renesas Technology Corp X80121 Datasheet HTML 4Page - Renesas Technology Corp X80121 Datasheet HTML 5Page - Renesas Technology Corp X80121 Datasheet HTML 6Page - Renesas Technology Corp X80121 Datasheet HTML 7Page - Renesas Technology Corp X80121 Datasheet HTML 8Page - Renesas Technology Corp X80121 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
X80120, X80121
FN8151 Rev 0.00
Page 4 of 17
January 20, 2005
Equivalent A.C. Output Load Circuit
Electrical Specifications
(Programmable Parameters) Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSPOR
Delay before RESET assertion
TPOR1 = 0 TPOR0 = 0
Factory Default
90
100
110
ms
TPOR1 = 0 TPOR0 = 1
(Note 3)
450
500
550
ms
TPOR1 = 1 TPOR0 = 0
(Note 3)
0.9
1
1.1
s
TPOR1 = 1 TPOR0 = 1
(Note 3)
4.5
5
5.5
s
tDELAYi
Time Delay used in Power Sequencing
(i = 1, 4)
TiD1 = 0 TiD0 = 0
Factory Default
90
100
110
ms
TiD1 = 0 TiD0 = 1
(Note 3)
450
500
550
ms
TiD1 = 1 TiD0 = 0
(Note 3)
0.9
1
1.1
s
TiD1 = 1 TiD0 = 1
(Note 3)
4.5
5
5.5
s
5V
SDA
30pF
4.6k
RESET
30pF
V1GDO,
5V
4.6k
30pF
V4GDO
5V
4.6k
A.C. Test Conditions
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing levels
VCC x 0.5
Output load
Standard output load
ViMON
ViGDO
VTRIPi
tTO
i = 1, 4
Initial
Power-up
tDELAYi
VCC
tDPOR
tDELAYi
FIGURE 1. INITIAL POWER UP TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com