Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X80121 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # X80121
Description  Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X80121 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button X80121 Datasheet HTML 6Page - Renesas Technology Corp X80121 Datasheet HTML 7Page - Renesas Technology Corp X80121 Datasheet HTML 8Page - Renesas Technology Corp X80121 Datasheet HTML 9Page - Renesas Technology Corp X80121 Datasheet HTML 10Page - Renesas Technology Corp X80121 Datasheet HTML 11Page - Renesas Technology Corp X80121 Datasheet HTML 12Page - Renesas Technology Corp X80121 Datasheet HTML 13Page - Renesas Technology Corp X80121 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
X80120, X80121
FN8151 Rev 0.00
Page 10 of 17
January 20, 2005
V1MON
tDELAY1
V1GDO
Programmable
Delay
Timing
not to scale
100ms
500ms
1 sec
5 secs
V4MON
tDELAY4
V4GDO
Programmable
Delay
tSPOR
Programmable
Delay
RESET
Can Choose Different
Delays for each
Voltage Monitor
FIGURE 8. PARALLEL POWER CONTROL - TIMING
V4GDO
V4MON
V1GDO
V1MON
RESET
µC
VCC1
FPGA
VCC1
ASIC
VCC1
RESET
VCC2
VCC2
VCC2
MR
5V
Power
Supply
On/Off
1.2V
Power
Supply
On/Off
3.3V
Power
Supply
X80120/21
VCC
5V
12V
FIGURE 9. EXAMPLE OF RELAY POWER SUPPLY
SEQUENCING
V1MON
tDELAY1
V1GDO
V1MON
threshold
Power Supply
#2 ON
Power Supply
V4MON
threshold
V4GDO
Timing Not
To Scale
Example: Two Independent
Power Supplies in relay timing
100ms
RESET
Programmable
Delay
Programmable
Delay
#2 OUTPUT
500ms
1sec
5sec
100ms
500ms
1sec
5sec
tDELAY4
Power Supply
#3 ON
Power Supply
#3 OUTPUT
(5V)
(1.2V)
(3.3V
tSPOR
FIGURE 10. RELAY SEQUENCING OF DC-DC SUPPLIES (TIMING)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com