Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X80121 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # X80121
Description  Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X80121 Datasheet(HTML) 5 Page - Renesas Technology Corp

  X80121 Datasheet HTML 1Page - Renesas Technology Corp X80121 Datasheet HTML 2Page - Renesas Technology Corp X80121 Datasheet HTML 3Page - Renesas Technology Corp X80121 Datasheet HTML 4Page - Renesas Technology Corp X80121 Datasheet HTML 5Page - Renesas Technology Corp X80121 Datasheet HTML 6Page - Renesas Technology Corp X80121 Datasheet HTML 7Page - Renesas Technology Corp X80121 Datasheet HTML 8Page - Renesas Technology Corp X80121 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
X80120, X80121
FN8151 Rev 0.00
Page 5 of 17
January 20, 2005
ViGDO
MR
tMR
tDELAYi
tMRE
RESET
tDELAYi
+ tSPOR
FIGURE 2. MANUAL RESET (MR)
tDELAY1
V1GDO
tDELAY4
V4GDO
tSPOR
RESET
Any ViGDO
(1st occurance)
ViMON
MR
tDELAY1
tDELAY4
tSPOR
(i= 1 to 4)
FIGURE 3. ViGDO, RESET TIMINGS
Serial Interface Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
ICC1
Active Supply Current (VCC) Read or Write to
Memory or CRs
VIL = VCC x 0.1
VIH = VCC x 0.9,
fSCL = 400kHz
2.5
mA
ILI
Input Leakage Current (SCL, WP, A0, A1)
VIL = GND to VCC
15
µA
ILO
Output Leakage Current (SDA)
VSDA = GND to VCC
Device is in Standby
15
µA
VIL
Input LOW Voltage (SDA, SCL, WP, A0, A1)
-0.5
VCC x 0.3
V
VIH
Input HIGH Voltage (SDA, SCL, WP, A0, A1)
VCC x 0.7
5.5
V
VHYS
Schmitt Trigger Input Hysteresis
Fixed input level
0.2
V
VCC related level
0.05 x 5
V
VOL
Output LOW Voltage (SDA)
IOL = 4.0mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com