Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X80121 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # X80121
Description  Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X80121 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button X80121 Datasheet HTML 8Page - Renesas Technology Corp X80121 Datasheet HTML 9Page - Renesas Technology Corp X80121 Datasheet HTML 10Page - Renesas Technology Corp X80121 Datasheet HTML 11Page - Renesas Technology Corp X80121 Datasheet HTML 12Page - Renesas Technology Corp X80121 Datasheet HTML 13Page - Renesas Technology Corp X80121 Datasheet HTML 14Page - Renesas Technology Corp X80121 Datasheet HTML 15Page - Renesas Technology Corp X80121 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
X80120, X80121
FN8151 Rev 0.00
Page 12 of 17
January 20, 2005
Bus Interface Information
Interface Conventions
The device supports a bidirectional bus oriented protocol. The
protocol defines any device that sends data onto the bus as a
transmitter, and the receiving device as the receiver. The
device controlling the transfer is called the master and the
device being controlled is called the slave. The master always
initiates data transfers, and provides the clock for both transmit
and receive operations. Therefore, the devices in this family
operate as slaves in all applications.
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read operation,
the master must either issue a STOP condition during the ninth
cycle or hold SDA HIGH during the ninth clock cycle and then
issue a STOP condition.
Serial Clock and Data
Data states on the SDA line can change only during SCL LOW.
SDA state changes during SCL HIGH are reserved for
indicating START and STOP conditions (See Figure 11).
Serial Start Condition
All commands are preceded by the START condition, which is
a HIGH to LOW transition of SDA when SCL is HIGH. The
device continuously monitors the SDA and SCL lines for the
START condition and does not respond to any command until
this condition has been met. On power up, the SCL pin must
be brought LOW prior to the START condition.
Serial Stop Condition
All communications must be terminated by a STOP condition,
which is a LOW to HIGH transition of SDA when SCL is HIGH,
followed by a HIGH to LOW on SCL. After going LOW, SCL
TABLE 4. REGISTER ADDRESS MAP
BYTE
ADDR.
NAME
CONTROI/STATUS
BIT
MEMORY
TYPE
7
654
321
0
00H
CR0
Write Enable
WEL
0
0
0
0
0
0
0
Volatile
01H
CR1
EEPROM Block
Control
WPEN
0
0
BP1
BP0
0
0
0
EEPROM
02H
CR2
POR Timing
0
0
0
0
TPOR1
TPOR0
0
0
EEPROM
03H
CR3
ViGDO TIme Delay
T4D1
T4D0
0
0
0
0
T1D1
T1D0
EEPROM
FF
FDR
Fault Detection
Register
0
0
0
0
V40S
0
0
V10S
Volatile
TABLE 5. HARDWARE/SOFTWARE CONTROL AND FAULT DETECTION BITS SUMMARY
OPERATION
CONTROL/
STATUS
LOCATION(S)
DESCRIPTION (SEE FUNCTIONAL FOR DETAILS)
REGISTER
BITS
SOFTWARE CONTROL BITS
EEPROM Write Enable
WEL
CR0
7
WEL = 1 enables write operations to the control registers and EEPROM.
WEL = 0 prevents write operations.
EEPROM Write Protect
WPEN
CR1
7
WPEN = 1 (and WP pin HIGH) prevents writes to the control registers and
the EEPROM.
EEPROM Block Protect
BP1
BP0
CR1
4:3
BP1=0, BP0=0 : No EEPROM memory protected.
BP1=0, BP0=1 : Upper 1/4 of EEPROM memory protected
BP1=1, BP0=0 : Upper 1/2 of EEPROM memory protected.
BP1=1, BP0=1 : All of EEPROM memory protected.
RESET Time Delay
TPOR0
TPOR1
CR2
3:2
TPOR1=0, TPOR0=0 : RESET delay = 100ms
TPOR1=0, TPOR0=1 : RESET delay = 500ms
TPOR1=1, TPOR0=0 : RESET delay = 1s
TPOR1=1, TPOR0=1 : RESET delay = 5s
V1GDO Time Delay
T1D0
T1D1
CR3
1:0
TiD1=0, TiD0=0 : ViGDO delay = 100ms
TiD1=0, TiD0=1 : ViGDO delay = 500ms
TiD1=1, TiD0=0 : ViGDO delay = 1s
TiD1=1, TiD0=1 : ViGDO delay = 5s
V4GDO Time Delay
T4D0
T4D1
CR3
7:6
STATUS BITS
1st Voltage Monitor
V1OS
FDR
0
V1OS = 0 : V1GDO pin has been asserted (must be preset to 1).
4th Voltage Monitor
V4OS
FDR
3
V4OS = 0 : V4GDO pin has been asserted (must be preset to 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com