Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7000 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ZLED7000
Description  40V LED Driver with Internal Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7000 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ZLED7000 Datasheet HTML 5Page - Renesas Technology Corp ZLED7000 Datasheet HTML 6Page - Renesas Technology Corp ZLED7000 Datasheet HTML 7Page - Renesas Technology Corp ZLED7000 Datasheet HTML 8Page - Renesas Technology Corp ZLED7000 Datasheet HTML 9Page - Renesas Technology Corp ZLED7000 Datasheet HTML 10Page - Renesas Technology Corp ZLED7000 Datasheet HTML 11Page - Renesas Technology Corp ZLED7000 Datasheet HTML 12Page - Renesas Technology Corp ZLED7000 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ZLED7000 Datasheet
© 2016 Integrated Device Technology, Inc.
9
April 20, 2016
S
OUT
R
mV
95
I
=
2
Circuit Description
The ZLED7000 is an inductive step-down converter for driving LEDs. It operates in continuous mode, enabling proper LED
current control. The ZLED7000 supports linear or PWM control of the LED current. Only a few external components are
needed for typical applications.
2.1
Voltage Supply
The ZLED7000 has an internal regulator that disables the LX output until the voltage supply rises above a start-up
threshold voltage set internally as needed to ensure that the power MOSFET on-resistance is low enough for
proper operation. When the supply voltage exceeds the threshold, the ZLED7000 begins normal operation.
Important: The ZLED7000 must be operated within the operating voltage range specified in Table 1.2 to avoid
conditions that could result in thermal damage to the ZLED7000. Operating with the supply voltage below the
minimum can result in a high switch duty cycle and excessive ZLED7000 power dissipation, risking over-
temperature conditions (also see section 4.1 regarding thermal restrictions) that could result in activation of the
ZLED7000’s thermal shut-down circuitry. With multiple LEDs, the forward drop is typically adequate to prevent the
chip from switching below the minimum voltage supply specification (6V), so there is less risk of thermal shut-
down.
2.2
ZLED7000 Standby Mode
Whenever the ADJ pin voltage falls below 0.2V, the ZLED7000 turns the output off and the supply current drops
to approximately 60μA. This standby mode minimizes current consumption.
2.3
Output Current Control
The LED control current output on the LX pin is determined by the value of external components and the control
voltage input at the ADJ pin. Selection of the external component RS is discussed below, and other external
components are discussed in section 2.3.4. The subsequent sections describe the two options for control voltage
input at the ADJ pin: a pulse width modulation (PWM) control signal or a DC control voltage.
The ADJ pin has an input impedance
†
of 500kΩ ±25%.
2.3.1
Output Current and RS
The current sense threshold voltage and the value of the external current sense resistor (RS) between VIN and
ISENSE set the output current through the LEDs (IOUT). Equation (1) below shows this basic relationship. Unless the
ADJ pin is driven from an external voltage (see section 2.3.3), the minimum value for RS is 0.13
Ω to prevent
exceeding the maximum switch current (see Table 1.1).
(1)
Where
IOUT = Nominal average output current through the LED(s)
RS
≥0.13Ω
† At room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com