Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7000 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZLED7000
Description  40V LED Driver with Internal Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7000 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZLED7000 Datasheet HTML 1Page - Renesas Technology Corp ZLED7000 Datasheet HTML 2Page - Renesas Technology Corp ZLED7000 Datasheet HTML 3Page - Renesas Technology Corp ZLED7000 Datasheet HTML 4Page - Renesas Technology Corp ZLED7000 Datasheet HTML 5Page - Renesas Technology Corp ZLED7000 Datasheet HTML 6Page - Renesas Technology Corp ZLED7000 Datasheet HTML 7Page - Renesas Technology Corp ZLED7000 Datasheet HTML 8Page - Renesas Technology Corp ZLED7000 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
40V LED Driver with Internal Switch
ZLED7000
Datasheet
© 2016 Integrated Device Technology, Inc.
2
April 20, 2016
SOT89-5 Package Dimensions and Pin Assignments
Symbol
Dimension (mm)
Symbol
Dimension (mm)
Min
Max
Min
Max
A
1.400
1.600
E
2.300
2.600
b
0.320
0.520
E1
3.940
4.250
b1
0.360
0.560
e
1.500 Typ
c
0.350
0.440
e1
2.900
3.100
D
4.400
4.600
L
0.900
1.100
D1
1.400
1.800
Ordering Information
Product Sales Code
Description
Package
ZLED7000ZI1R
ZLED7000 – 40V LED Driver
SOT89-5 (Tape & Reel)
ZLED7000KIT-D1
ZLED7000 used in a MR16 Halogen replacement Demo Kit
12VAC/VDC, including 1 ZLED-PCB1
Kit
ZLED-PCB1
Test PCB with one 3W white High Brightness (HB) LED,
cascadable to one multiple LED string
Printed Circuit Board (PCB)
ZLED-PCB2
10 unpopulated test PCBs for modular LED string with
footprints of 9 common HB LED types
Printed Circuit Board (PCB)
b
b1
e1
e
D
D1
L
E1
E
c
A
1
2
3
5
4
LX
VIN
GND
Thermal Pad
ADJ
ISENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com