Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7000 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ZLED7000
Description  40V LED Driver with Internal Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7000 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ZLED7000 Datasheet HTML 11Page - Renesas Technology Corp ZLED7000 Datasheet HTML 12Page - Renesas Technology Corp ZLED7000 Datasheet HTML 13Page - Renesas Technology Corp ZLED7000 Datasheet HTML 14Page - Renesas Technology Corp ZLED7000 Datasheet HTML 15Page - Renesas Technology Corp ZLED7000 Datasheet HTML 16Page - Renesas Technology Corp ZLED7000 Datasheet HTML 17Page - Renesas Technology Corp ZLED7000 Datasheet HTML 18Page - Renesas Technology Corp ZLED7000 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
ZLED7000 Datasheet
© 2016 Integrated Device Technology, Inc.
17
April 20, 2016
7
Layout Requirements
7.1
Layout Considerations for ADJ (Pin 3)
For applications in which the ADJ pin is unconnected, minimize the length of circuit board traces connected to
ADJ to reduce noise coupling through this high impedance input.
7.2
Layout Considerations for LX (Pin 1)
Minimize the length of circuit board traces connected to the LX pin because it is a fast switching output.
7.3
Layout Considerations for VIN (Pin 5) and the External Decoupling Capacitor (C1)
The C1 input decoupling capacitor must be placed as close as possible to the VIN pin to minimize power supply
noise, which can reduce efficiency. See section 3.2 regarding capacitor selection.
7.4
Layout Considerations for GND (Pin 2)
The ZLED7000 GND (ground) pin must be soldered directly to the circuit board’s ground plane to minimize
ground bounce due to fast switching of the LX pin.
7.5
Layout Considerations for High Voltage Traces
Avoid laying out any high voltage traces near the ADJ pin to minimize the risk of leakage in cases of board
contamination, which could raise the ADJ pin voltage resulting in unintentional output current. Leakage current
can be minimized by laying out a ground ring around the ADJ pin.
7.6
Layout Considerations for the External Coil (L1)
The L1 coil must be placed as close as possible to the chip to minimize parasitic resistance and inductance,
which can reduce efficiency. The connection between the coil and the LX pin must be low resistance.
7.7
Layout Considerations for the External Current Sense Resistor (RS)
Any trace resistance in series with RS must be taken into consideration when selecting the value for RS.
8
Ordering Information
Product Sales Code
Description
Package
ZLED7000ZI1R
ZLED7000 – 40V LED Driver
SOT89-5 (Tape & Reel)
ZLED7000KIT-D1
ZLED7000 used in a MR16 Halogen replacement Demo
Kit 12VAC/VDC, including 1 ZLED-PCB1
Kit
ZLED-PCB1
Test PCB with one 3W white High Brightness (HB) LED,
cascadable to one multiple LED string
Printed Circuit Board (PCB)
ZLED-PCB2
10 unpopulated test PCBs for modular LED string with
footprints of 9 common HB LED types
Printed Circuit Board (PCB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com