Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7000 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ZLED7000
Description  40V LED Driver with Internal Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7000 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ZLED7000 Datasheet HTML 6Page - Renesas Technology Corp ZLED7000 Datasheet HTML 7Page - Renesas Technology Corp ZLED7000 Datasheet HTML 8Page - Renesas Technology Corp ZLED7000 Datasheet HTML 9Page - Renesas Technology Corp ZLED7000 Datasheet HTML 10Page - Renesas Technology Corp ZLED7000 Datasheet HTML 11Page - Renesas Technology Corp ZLED7000 Datasheet HTML 12Page - Renesas Technology Corp ZLED7000 Datasheet HTML 13Page - Renesas Technology Corp ZLED7000 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ZLED7000 Datasheet
© 2016 Integrated Device Technology, Inc.
10
April 20, 2016
S
ADJ
DC
_
OUT
R
V
079
.
0
I
∗
=
2.3.2
PWM Control
The output current on LX can be set to a value below the nominal average value determined by resistor RS by
using an external PWM signal as the control signal applied to the ADJ pin. This control signal must be capable of
driving the ZLED7000’s internal 500kΩ pull-up resistor. See Figure 2.1 for an illustration. The minimum signal
voltage range is 0V to 1.8V; the maximum voltage range is 0V to 5V. See Table 1.3 for the specifications for the
signal’s duty cycle DPWM. Any negative spikes on the control signal could interfere with current control or proper
operation of the ZLED7000.
Figure 2.1
Directly Driving ADJ Input with a PWM Control Signal
2.3.3
External DC Voltage Control of Output Current
The output current on LX can be set to a value below the nominal average value determined by resistor RS by
using an external DC voltage VADJ (0.3 V
≤ V
ADJ
≤ 1.2V) to drive the voltage at the ADJ pin. This allows adjusting
the output current from 25% to 100% of IOUTnom. See Figure 2.2 for an illustration. The output current can be
calculated using equation (2). If VADJ matches or exceeds VREF (1.2V), the brightness setting is clamped at its
maximum (100%).
Figure 2.2
External DC Control Voltage at ADJ Pin
ADJ
GND
ZLED7000
DC
(2)
Where
IOUT_DC = Nominal average output current through the LED(s) with a DC control voltage
VADJ = External DC control voltage: 0.3 V
≤ V
ADJ
≤ 1.2V
RS
≥0.13Ω
PWM
1.8V to 5V
0V
ADJ
GND
ZLED7000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com