Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7X20 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ZLED7X20
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7X20 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ZLED7X20 Datasheet HTML 2Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 3Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 4Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 5Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 6Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 7Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 8Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 9Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ZLED7x20 Datasheet
© 2016 Integrated Device Technology, Inc.
6
April 20, 2016
1.3
Electrical Parameters
Test conditions for the following specifications are Tamb = 25°C typical and VIN = 12V unless otherwise noted.
Production testing of the chip is performed at 25°C unless otherwise stated. Functional operation of the chip and
specified parameters at other temperatures are guaranteed by design, characterization, and process control.
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.1
Quiescent supply current
IINQoff
Output off—ADJ pin
grounded
90
120
160
μA
IINQon
Output switching—ADJ pin
floating
450
600
μA
1.3.2
Mean current sense
threshold voltage
VSENSE
97
100
103
mV
1.3.3
Sense threshold hysteresis
VSENSEHYS
±15
%
1.3.4
ISENSE pin input current
ISENSE
VSENSE = VIN -0.1V
8
μA
1.3.5
Internal reference voltage
measured at ADJ pin
VREF
ADJ pin floating
1.2
V
1.3.6
Resistance between VREF
and ADJ pin
RADJ
500
KΩ
1.3.7
External DC brightness
control voltage on ADJ pin
VADJ
0.3
1.2
V
1.3.8
DC on-off control voltage on
ADJ pin for switching
ZLED7x20 from active state
to quiescent state
VADJoff
VADJ falling
0.15
0.2
0.25
V
1.3.9
DC off-on control voltage on
ADJ pin for switching
ZLED7x20 from quiescent
state to active state
VADJon
VADJ rising
0.2
0.25
0.3
V
1.3.10
LX switch continuous
current
ILXmean_0
ZLED7020
1.2
A
ILXmean_3
ZLED7320
1.0
A
ILXmean_5
ZLED7520
0.75
A
ILXmean_7
ZLED7720
0.35
A
1.3.11
LX switch leakage current
ILX(leak)
1
μA
1.3.12
LX switch on resistance
RLX
0.27
0.4
Ω
1.3.13
Minimum switch on time
tONmin
LX switch on
200
ns
1.3.14
Minimum switch off time
tOFFmin
LX switch off
200
ns
1.3.15
Dimming rate
DDIM
1 LED, f =100Hz, Vin=15V,
L1 = 27
μH
1200:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com