Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7X20 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # ZLED7X20
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7X20 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button ZLED7X20 Datasheet HTML 20Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 21Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 22Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 23Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 24Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 25Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 26Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 27Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ZLED7x20 Datasheet
© 2016 Integrated Device Technology, Inc.
26
April 20, 2016
6
Ordering Information
Ordering Information
Product Sales Code Description
Package
ZLED7020ZI1R
ZLED7020 – High Current (1200mA) 40V LED Driver with Internal Switch
SOT89-5 (Tape & Reel)
ZLED7320ZI1R
ZLED7320 – High Current (1000mA) 40V LED Driver with Internal Switch
DFN-5 (Tape & Reel)
ZLED7520ZI1R
ZLED7520 – High Current (750mA) 40V LED Driver with Internal Switch
DFN-5 (Tape & Reel)
ZLED7720ZI1R
ZLED7720 – High Current (350mA) 40V LED Driver with Internal Switch
DFN-5 (Tape & Reel)
ZLED7020KIT-D1
ZLED7020-D1 Demo Board, 1 ZLED-PCB8 and 5 ZLED7020 ICs
Kit
ZLED-PCB8
Test PCB with one 5W white High Brightness (HB) LED, cascadable to one
multiple LED string
Printed Circuit Board (PCB)
ZLED-PCB2
10 unpopulated test PCBs for modular LED string with footprints of 9 common
HB LED types
Printed Circuit Board (PCB)
7
Related Documents
Document
ZLED7x20 Feature Sheet
ZLED7020 Application Note—PCB Layout
Visit the ZLED7x20 product pages at http://www.IDT.com/ or contact your nearest sales office for the latest
version of these documents.
8
Glossary
Term
Description
ESD
Electrostatic Discharge
EMF
Electromagnetic Force
ESR
Equivalent Series Resistance
PWM
Pulse Width Modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com