Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7X20 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ZLED7X20
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7X20 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ZLED7X20 Datasheet HTML 6Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 7Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 8Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 9Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 10Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 11Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 12Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 13Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ZLED7x20 Datasheet
© 2016 Integrated Device Technology, Inc.
10
April 20, 2016
Figure 1.7
Sense Voltage vs. Operating Temperature (Rs=0.10
Ω, L1=47μH, VIN = 40 V)
Figure 1.8
Dimming Rate with 100Hz Square Wave Control Signal (PWM) at ADJ Pin (current rise time=7.85
μs)
Trigger
C1 HFR
Stop
-50mV
Edge
Positive
Timebase -3.00 ms
1.00ms/div
500kS
50 MS/s
97.8
98.0
98.2
98.4
98.6
98.8
99.0
99.2
99.4
-40 -30 -20 -10 0
10
20
30
40
50
60
70
80
90
100 110
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com