Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7X20 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ZLED7X20
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7X20 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ZLED7X20 Datasheet HTML 20Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 21Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 22Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 23Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 24Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 25Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 26Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 27Page - Renesas Technology Corp ZLED7X20 Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ZLED7x20 Datasheet
© 2016 Integrated Device Technology, Inc.
24
April 20, 2016
5.2
DFN-5 Package Pin-out and Dimensions for the ZLED7320, ZLED7520 and ZLED7720
Figure 5.3
ZLED7320, ZLED7520 & ZLED7720 Pin Configuration — DFN-5 Package
LX
GND
ADJ
VIN
ISENSE
1
2
3
4
5
1
2
3
4
5
TOP
BOTTOM
Table 5.2
ZLED7320, ZLED7520 & ZLED7720 Pin Descriptions — DFN-5 Package
Pin
No.
Description (Also see section 3.3 for layout guidelines)
LX
1
Drain of internal power switch
GND
2
Ground
ADJ
3
On/off and brightness control input
ISENSE
4
Current adjustment input. Resistor RS from ISENSE to VIN determines the nominal average output
current. IOUTnom =0.1V/RS
Thermal Pad
Connect to GND.
VIN
5
Input voltage (6V to 40V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com