Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2202AC5R Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ZOPT2202AC5R
Description  Digital UVA / UVB Energy Sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZOPT2202AC5R Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ZOPT2202AC5R Datasheet HTML 26Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 27Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 28Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 29Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 30Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 31Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 32Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 33Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
30
September 21, 2016
3.10.8 UVB_DATA
Address
10HEX and 11HEX and 12HEX
Default value
00HEX and 00HEX and 00HEX
Register access
R
Bit
7
6
5
4
3
2
1
0
10HEX
UVB_DATA_0[7:0]
11HEX
UVB_DATA_1[15:8]
12HEX
0
0
0
0
UVB_DATA_2[19:16]
UVB channel digital output data (unsigned integer, 13 to 20 bit, LSB aligned).
Applied temperature and stray light compensation depends on operation mode. See section 3.4 for details.
When an I²C read operation is active and points to an address in the range 07HEX to 18HEX, all registers in this range are
locked until the I²C read operation is completed or this address range is left.
This guarantees that the data in the registers belongs to the same measurement cycle. New measurement data is
stored into temporary registers and the actual *_DATA registers are updated as soon as there is no on-going I²C read
operation in the address range 07HEX to 18HEX.
Register 10HEX
Bit[7:0]
UVB diode data least significant data byte
Register 11HEX
Bit[7:0]
UVB diode data intervening data byte
Register 12HEX
Bit[3:0]
UVB diode data most significant data byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com