Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2202AC5R Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # ZOPT2202AC5R
Description  Digital UVA / UVB Energy Sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZOPT2202AC5R Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button ZOPT2202AC5R Datasheet HTML 30Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 31Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 32Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 33Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 34Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 35Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 36Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 37Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
34
September 21, 2016
3.10.13
LS_THRES_UP
Address
21HEX and 22HEX and 23HEX
Default value
FFHEX and FFHEX and 0FHEX
Register access
RW
Bit
7
6
5
4
3
2
1
0
21HEX
LS_THRES_UP_0
22HEX
LS_THRES_UP_1
23HEX
0
0
0
0
LS_THRES_UP_2
LS_THRES_UP_x sets the upper threshold value for the LS interrupt.
The interrupt controller compares the value in LS_THRES_UP_x against measured data in the *_DATA_x registers of
the selected LS interrupt channel. It generates an interrupt event if *_DATA_x exceeds the threshold level.
The data format for LS_THRES_UP_x must match that of the *_DATA_x registers.
Register 21HEX
Bit[7:0]
LS upper interrupt threshold value, LSB
Register 22HEX
Bit[7:0]
LS upper interrupt threshold value, intervening byte
Register 23HEX
Bit[3:0]
LS upper interrupt threshold value, MSB
3.10.14
LS_THRES_LOW
Address
24HEX and 25HEX and 26HEX
Default value
00HEX and 00HEX and 00HEX
Register access
RW
Bit
7
6
5
4
3
2
1
0
24HEX
LS_THRES_LOW_0
25HEX
LS_THRES_LOW_1
26HEX
0
0
0
0
LS_THRES_LOW_2
LS_THRES_LOW_x sets the lower threshold value for the LS interrupt. The interrupt controller compares the value in
LS_THRES_LOW_x against measured data in the *_DATA_x registers of the selected LS interrupt channel. It
generates an interrupt event if the *_DATA_x is below the threshold level.
The data format for LS_THRES_LOW_x must match that of the *_DATA_x registers.
Register 24HEX
Bit[7:0]
LS lower interrupt threshold value, LSB
Register 25HEX
Bit[7:0]
LS lower interrupt threshold value, intervening byte
Register 26HEX
Bit[3:0]
LS lower interrupt threshold value, MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com