Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2202AC5R Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ZOPT2202AC5R
Description  Digital UVA / UVB Energy Sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZOPT2202AC5R Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ZOPT2202AC5R Datasheet HTML 29Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 30Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 31Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 32Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 33Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 34Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 35Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 36Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
33
September 21, 2016
3.10.11
INT_CFG
Address
19HEX
Default value
10HEX
Register access
RW
Bit
7
6
5
4
3
2
1
0
19HEX
0
0
LS_INT_SEL
LS_VAR_MODE
LS_INT_EN
0
0
Bit[5:4]
LS_INT_SEL
Light sensor interrupt source select
00
UVB2 channel
01
UVA channel (default)
10
UV_COMP channel
11
UVB channel
Bit[3]
LS_VAR_MODE
Light sensor variation interrupt mode
0
Threshold Interrupt Mode (default)
1
Variation Interrupt Mode
Bit[2]
LS_INT_EN
Light sensor interrupt enable
0
Interrupt disabled (default)
1
Interrupt enabled
3.10.12
INT_PST
Address
1AHEX
Default value
00HEX
Register access
RW
Bit
7
6
5
4
3
2
1
0
1AHEX
LS_PERSIST
0
0
0
0
Bit[7:4]
This register sets the number of similar consecutive light sensor (LS) interrupt events that must occur
before the interrupt is asserted.
0000BIN
Every LS value out of threshold range (default) asserts an interrupt.
0001BIN
2 consecutive LS values out of threshold range assert an interrupt.
…
1111BIN
16 consecutive LS values out of threshold range assert an interrupt.
Bit[3:0]
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com