Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2202AC5R Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # ZOPT2202AC5R
Description  Digital UVA / UVB Energy Sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZOPT2202AC5R Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button ZOPT2202AC5R Datasheet HTML 31Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 32Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 33Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 34Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 35Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 36Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 37Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 38Page - Renesas Technology Corp ZOPT2202AC5R Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
35
September 21, 2016
3.10.15
LS_THRES_VAR
Address
27HEX
Default value
00HEX
Register access
RW
Bit
7
6
5
4
3
2
1
0
27HEX
0
0
0
0
0
LS_THRES_VAR
Bit[2:0]
LS variance threshold
Code
Interrupt generated when
000BIN
new DATA_x varies by 8 counts compared to previous result (default)
001BIN
new DATA_x varies by 16 counts compared to previous result
010BIN
new DATA_x varies by 32 counts compared to previous result
011BIN
new DATA_x varies by 64 counts compared to previous result
100BIN
new DATA_x varies by 128 counts compared to previous result
101BIN
new DATA_x varies by 256 counts compared to previous result
110BIN
new DATA_x varies by 512 counts compared to previous result
111BIN
new DATA_x varies by 1024 counts compared to previous result
3.10.16
DEVICE_CONFIG
Address
2FHEX
Default value
00HEX
Register access
RW
Bit
7
6
5
4
3
2
1
0
2FHEX
0
0
0
0
Reserved
Reserved
I²C Address
Reserved
Bit[1]
I²C Address
0 (default)
7-bit format (no R/W bit consideration):
53HEX
8-bit format (with R/W bit consideration):
A6 HEX / A7 HEX
1
7-bit format (no R/W bit consideration):
52HEX
8-bit format (with R/W bit consideration):
A4 HEX / A5 HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com