Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705MC4GRS/D Datasheet(PDF) 134 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 134 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 130Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 131Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 132Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 133Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 134Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 135Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 138Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 180 page
background image
Serial Communications Interface
MC68HC705MC4 — Rev. 2.0
Serial Communications Interface
Reset sets the TC bit. Software must initialize the TC bit to logic 0 to
avoid an instant interrupt request when turning on the transmitter.
1 = No transmission in progress
0 = Transmission in progress
RDRF — Receive Data Register Full
This clearable, read-only bit is set when the data in the receive shift
register transfers to the SCI data register. RDRF generates an
interrupt request if the RIE bit in SCCR2 is also set. Clear the RDRF
bit by reading the SCSR with RDRF set, and then reading the SCDR.
Reset clears the RDRF bit.
1 = Received data available in SCDR
0 = Received data not available in SCDR
IDLE — Receiver Idle
This clearable, read-only bit is set when 10 or 11 consecutive logic 1s
appear on the receiver input. IDLE generates an interrupt request if
the ILIE bit in SCCR2 is also set. Clear the IDLE bit by reading the
SCSR with IDLE set, and then reading the SCDR. Reset clears the
IDLE bit.
1 = Receiver input idle
0 = Receiver input not idle
OR — Receiver Overrun
This clearable, read-only bit is set if the SCDR is not read before the
receive shift register receives the next word. OR generates an
interrupt request if the RIE bit in SCCR2 is also set. The data in the
shift register is lost, but the data already in the SCDR is not affected.
Clear the OR bit by reading the SCSR with OR set, and then reading
the SCRD. Reset clears the OR bit.
1 = Receiver shift register full and RDRF = 1
0 = No receiver overrun
NF — Receiver Noise Flag
This clearable, read-only bit is set when noise is detected in data
received in the SCI data register. Clear the NF bit by reading the
SCSR, and then reading the SCDR. Reset clears the NF bit.
1 = Noise detected in SCDR
0 = No noise detected in SCDR
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com